Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 17Page - Renesas Technology Corp UPC8002 Datasheet HTML 18Page - Renesas Technology Corp UPC8002 Datasheet HTML 19Page - Renesas Technology Corp UPC8002 Datasheet HTML 20Page - Renesas Technology Corp UPC8002 Datasheet HTML 21Page - Renesas Technology Corp UPC8002 Datasheet HTML 22Page - Renesas Technology Corp UPC8002 Datasheet HTML 23Page - Renesas Technology Corp UPC8002 Datasheet HTML 24Page - Renesas Technology Corp UPC8002 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
µPC8002
19
7. TEST CIRCUIT EXAMPLES
In test circuit example 2 onward, only the portion that differs from test circuit example 1 is shown.
Test Circuit Example 1.
Caution
The 10 pF capacitor value for IF2 OUT and RSSI OUT includes all the capacitances (board,
pattern, etc.) applied to the pin. Ensure that the recommended load condition (10 pF) is not
exceeded for IF2 OUT and RSSI OUT.
Remark
Chip laminated ceramic capacitors (MURATA GRM36 or equivalent) should be used.
PD
MIX OUT
VCC (IF)
VCC (MIX)
LO IN
GND (IF)
GND (MIX)
MIX IN1
MIX IN2
RSSI OUT
VCC
82 pF
1
2
3
4
5
6
7
8
9
10
1 F
1000 pF
1 F
1000 pF
470 pF
50
Ω
470 pF
50
Ω
470 pF
10 pF
1000 pF
BYPASS1
IF1 IN
BYPASS2
IF1 OUT
BYPASS4
IF2 IN
BYPASS3
GND (IF OUT)
VCC (IF OUT)
IF2 OUT
20
19
18
17
16
15
14
13
12
11
330 pF
50
Ω
1000 pF
0.01 F
0.01 F
1 F
1000 pF
10 k
Ω
10 pF
VCC
VCC
VCC
1000 pF
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com