Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 26Page - Renesas Technology Corp UPC8002 Datasheet HTML 27Page - Renesas Technology Corp UPC8002 Datasheet HTML 28Page - Renesas Technology Corp UPC8002 Datasheet HTML 29Page - Renesas Technology Corp UPC8002 Datasheet HTML 30Page - Renesas Technology Corp UPC8002 Datasheet HTML 31Page - Renesas Technology Corp UPC8002 Datasheet HTML 32Page - Renesas Technology Corp UPC8002 Datasheet HTML 33Page - Renesas Technology Corp UPC8002 Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
µPC8002
28
9. WIRING PATTERN CAPACITANCE DIAGRAM (REFERENCE)
The wiring pattern capacitances to ground are shown here.
For pin 11, the capacitance is 8.1 pF when the entire pattern (from pin 11 to point B) is used. In this case,
the usable probe input capacitance is 1.9 pF (MAX.).
From pin 11 up to point A, the capacitance is 1.4 pF, and therefore an 8.6 pF (MAX.) probe can be used.
For pin 10, the capacitance is 4 pF when the entire pattern is used.
RSSI OUT
Pin 10
Pin 11
0.9 pF
0.5 pF
A
3.0 pF
0.8 pF
IF2 OUT
2.9 pF
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com