Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 21Page - Renesas Technology Corp UPC8002 Datasheet HTML 22Page - Renesas Technology Corp UPC8002 Datasheet HTML 23Page - Renesas Technology Corp UPC8002 Datasheet HTML 24Page - Renesas Technology Corp UPC8002 Datasheet HTML 25Page - Renesas Technology Corp UPC8002 Datasheet HTML 26Page - Renesas Technology Corp UPC8002 Datasheet HTML 27Page - Renesas Technology Corp UPC8002 Datasheet HTML 28Page - Renesas Technology Corp UPC8002 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
µPC8002
23
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer
470 pF
8
MIX IN1
See 6. TEST METHODS (2)
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer
470 pF
8
MIX IN1
SG
250 MHz
See 6. TEST METHODS (1)
Test Circuit Example 8. (Conversion gain, –1 dB compression level)
Test Circuit Example 10. (Local separation)
Test Circuit Example 9. (Third order intercept output level)
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com