Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC8002 Datasheet HTML 1Page - Renesas Technology Corp UPC8002 Datasheet HTML 2Page - Renesas Technology Corp UPC8002 Datasheet HTML 3Page - Renesas Technology Corp UPC8002 Datasheet HTML 4Page - Renesas Technology Corp UPC8002 Datasheet HTML 5Page - Renesas Technology Corp UPC8002 Datasheet HTML 6Page - Renesas Technology Corp UPC8002 Datasheet HTML 7Page - Renesas Technology Corp UPC8002 Datasheet HTML 8Page - Renesas Technology Corp UPC8002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
µPC8002
2
Application Circuit Example 1 (Using 2 BPFs)
Caution
Ensure that the pin voltage does not exceed the power supply voltage.
Remark
The VCC pass capacitors (1
µF, 1000 pF) should be located close to the respective VCC pins.
Chip laminated ceramic capacitors (MURATA GRM36 or equivalent) should be used.
PD
MIX OUT
VCC (IF)
VCC (MIX)
LO IN
GND (IF)
GND (MIX)
MIX IN1
MIX IN2
RSSI OUT
1 F
1000 pF
1 F
1000 pF
VCC
470 pF
470 pF
470 pF
20
19
18
17
16
15
14
13
12
11
BYPASS1
IF1 IN
BYPASS2
IF1 OUT
BYPASS4
IF2 IN
BYPASS3
GND (IF OUT)
VCC (IF OUT)
IF2 OUT
1000 pF
1000 pF
0.01 F
0.01 F
VCC
1 F
1000 pF
1
2
3
4
5
6
7
8
9
10
VCC
VCC
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com