Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 13Page - Cirrus Logic CS5016 Datasheet HTML 14Page - Cirrus Logic CS5016 Datasheet HTML 15Page - Cirrus Logic CS5016 Datasheet HTML 16Page - Cirrus Logic CS5016 Datasheet HTML 17Page - Cirrus Logic CS5016 Datasheet HTML 18Page - Cirrus Logic CS5016 Datasheet HTML 19Page - Cirrus Logic CS5016 Datasheet HTML 20Page - Cirrus Logic CS5016 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
To interface with a 16-bit data bus, the BW input
to the CS5012A/14/16 should be held high and
all data bits (12, 14 and 16 for the CS5012A,
CS5014 and CS5016 respectively) read in paral-
lel on pin s D4-D15 (CS5012A), D2-D15
(CS5014), or D0-D15 (CS5016). With an 8-bit
bus, the converter’s result must be read in two
portions. In this instance, BW should be held low
and the 8 MSB’s obtained on the first read cycle
following a conversion. The second read cycle
will yield the remaining LSB’s (4, 6 or 8 for the
CS5012A/14/16 respectively) with 4, 2 or 0 trail-
ing zeros. Both bytes appear on pins D0-D7. The
upper/lower bytes of the same data will continue
to toggle on subsequent reads until the next con-
version finishes. Status bit S2 indicates which
byte will appear on the next data read operation.
The CS5012A/14/16 internally buffer their output
data, so data can be read while the devices are
tracking or converting the next sample. Therefore,
retrieving the converters’ digital output requires
no reduction in ADC throughput. Enabling the 3-
state outputs while the CS5012A/14/16 is
converting will not introduce conversion errors.
Connecting CMOS logic to the digital outputs is
recommended. Suitable logic families include
4000B, 74HC, 74AC, 74ACT, and 74HCT.
PIN
STATUS BIT
STATUS
DEFINITION
D0
S0
END OF CONVERSION
Falls upon completion of a conversion,
and returns high on the first subsequent read.
D1
S1
RESERVED
Reserved for factory use.
D2
S2
LOW BYTE/HIGH BYTE
When data is to be read in an 8-bit format (BW=0),
indicates which byte will appear at the output next.
D3
S3
END OF TRACK
When low, indicates the input has been acquired to
the devices specified accuracy.
D4
S4
RESERVED
Reserved for factory use.
D5
S5
TRACKING
High when the device is tracking the input.
D6
S6
CONVERTING
High when the device is converting the held input.
D7
S7
CALIBRATING
High when the device is calibrating.
Table 2. Status Pin Definitions
D7
D0
D5
D3
D2
D1
D6
D4
D12 D11 D10
D9
D8
D15 D14 D13
XX
X
XX
X
X
X
S7
S6
S5
S4
S3
S2
S1
S0
8- or 16-Bit
Data Bus
Data
(A0=1)
Status
(A0=0)
"X" Denotes High Impedance Output
XX
X
XX
X
XX
8-Bit Bus
(BW=0)
16-Bit Bus
(BW=1)
B5
B4
B11
B10
B7
B6
B8
B9
CS5012A
CS5014
CS5016
B13
B11
B9
B7
B6
B12
B10
B8
B5
B4
B11
B10
B7
B6
B8
B9
B15
B13
B11
B9
B8
B14
B12
B10
B3
B2
B1
B0
0
0
00
B5
B4
B3
B2
0
0
B1
B0
B7
B6
B5
B4
B1
B0
B3
B2
B3
B2
B1
B0
0
0
00
XX
X
XX
X
XX
B7
B6
B13
B12
B9
B8
B10
B11
B5
B4
B3
B2
0
0
B1
B0
XX
X
XX
X
XX
B9
B8
B15
B14
B11 B10
B12
B13
B7
B6
B5
B4
B1
B0
B3
B2
CS5016
CS5014
CS5012A
Figure 7. CS5012A/14/16 Data Format
CS5012A, CS5014, CS5016
DS14F6
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com