Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5016 Datasheet HTML 1Page - Cirrus Logic CS5016 Datasheet HTML 2Page - Cirrus Logic CS5016 Datasheet HTML 3Page - Cirrus Logic CS5016 Datasheet HTML 4Page - Cirrus Logic CS5016 Datasheet HTML 5Page - Cirrus Logic CS5016 Datasheet HTML 6Page - Cirrus Logic CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
CS5014 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 4.5V; CLKIN = 4 MHz for -14, 2 MHz for -28; Analog Source Impedance = 200
Ω)
CS5014-K
CS5014-B
CS5014-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
K, B, T
(Note 1)
S
Drift
(Note 2)
±1/4
±1/8
±1/2
±1/4
±1/8
±1/2
±1/4
±1/2
±1/8
±1/2
±1.5
LSB14
LSB14
∆LSB14
Differential Linearity
(Note 1)
Drift
(Note 2)
±1/4
±1/32
±1/2
±1/4
±1/32
±1/2
±1/4
±1/32
±1/2 LSB14
∆LSB14
Full Scale Error
(Note 1)
Drift
(Note 2)
±1/2
±1/4
±1
±1/2
±1/4
±1
±1/2
±1/2
±1
LSB14
∆LSB14
Unipolar Offset
K, B, T
(Note 1)
S
Drift
(Note 2)
±1/4
±1/4
±3/4
±1/4
±1/4
±3/4
±1/4
±1/2
±3/4
±1
LSB14
LSB14
∆LSB14
Bipolar Offset
K, B, T
(Note 1)
S
Drift
(Note 2)
±1/4
±1/4
±3/4
±1/4
±1/2
±3/4
±1/4
±1/2
±3/4
±1
LSB14
LSB14
∆LSB14
Bipolar Negative Full-Scale Error(Note 1)
K, B, T
S
Drift
(Note 2)
±1/2
±1/4
±1
±1/2
±1/4
±1
±1/2
±1/2
±1
±1.5
LSB14
LSB14
∆LSB14
Total Unadjusted Error
(Note 1)
Drift
(Note 2)
±1
±1/2
±1
±1
±1
±1
LSB14
∆LSB14
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
K, B, T
S
Full Scale, 12 kHz Input
K, B, T
S
94
84
98
87
94
84
98
87
94
85
84
80
98
87
dB
dB
dB
dB
Total Harmonic Distortion
0.003
0.003
0.003
%
Signal-to-Noise Ratio
(Notes 1 and 9)
1 kHz, 0 dB Input
K, B, T
S
1 kHz, -60 dB Input
82
84
23
82
84
23
82
80
84
23
dB
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
45
90
45
90
45
90
µVrms
µVrms
Notes:
9. A detailed plot of S/(N+D) vs. input amplitude appears in Figure 26 for the CS5014 and Figure 28
for the CS5016.
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
CS5014
2-10
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com