Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 36Page - Cirrus Logic CS5016 Datasheet HTML 37Page - Cirrus Logic CS5016 Datasheet HTML 38Page - Cirrus Logic CS5016 Datasheet HTML 39Page - Cirrus Logic CS5016 Datasheet HTML 40Page - Cirrus Logic CS5016 Datasheet HTML 41Page - Cirrus Logic CS5016 Datasheet HTML 42Page - Cirrus Logic CS5016 Datasheet HTML 43Page - Cirrus Logic CS5016 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
CS5014 Ordering Guide
Model
Throughput
Conversion Time
Linearity
Temp. Range
Package
CS5014-KP28
28 kHz
28.50
µs
±0.5 LSB
0 to 70
°C
40-Pin Plastic DIP
CS5014-KP14
56 kHz
14.25
µs
±0.5 LSB
0 to 70
°C
40-Pin Plastic DIP
CS5014-KL28
28 kHz
28.50
µs
±0.5 LSB
0 to 70
°C
44-Pin PLCC
CS5014-KL14
56 kHz
14.25
µs
±0.5 LSB
0 to 70
°C
44-Pin PLCC
CS5014-BP28
28 kHz
28.50
µs
±0.5 LSB
-40 to +85
°C
40-Pin Plastic DIP
CS5014-BP14
56 kHz
14.25
µs
±0.5 LSB
-40 to +85
°C
40-Pin Plastic DIP
CS5014-BL28
28 kHz
28.50
µs
±0.5 LSB
-40 to +85
°C
44-Pin PLCC
CS5014-BL14
56 kHz
14.25
µs
±0.5 LSB
-40 to +85
°C
44-Pin PLCC
CS5014-SD14
56 kHz
14.25
µs
±1.5 LSB
-55 to +125
°C
40-Pin CerDIP
CS5014-TD14
56 kHz
14.25
µs
±0.5 LSB
-55 to +125
°C
40-Pin CerDIP
CS5014-SE14
56 kHz
14.25
µs
±1.5 LSB
-55 to +125
°C
44-Pin Ceramic LCC
CS5014-TE14
56 kHz
14.25
µs
±0.5 LSB
-55 to +125
°C
44-Pin Ceramic LCC
5962-8967401QA
56 kHz
14.25
µs
±1.5 LSB
-55 to +125
°C
40-Pin CerDIP
5962-8967402QA
56 kHz
14.25
µs
±0.5 LSB
-55 to +125
°C
40-Pin CerDIP
5962-8967401XA
56 kHz
14.25
µs
±1.5 LSB
-55 to +125
°C
44-Pin Ceramic LCC
5962-8967402XA
56 kHz
14.25
µs
±0.5 LSB
-55 to +125
°C
44-Pin Ceramic LCC
The following is a list of upgraded part numbers.
Discontinued
Equivalent
Part Number
Recommended Device
CS5014-SD14B
5962-8967401QA
CS5014-TD14B
5962-8967402QA
CS5014-SE14B
5962-8967401XA
CS5014-TE14B
5962-8967402XA
CS5012A, CS5014, CS5016
2-46
DS14F6
AS PER EOL MAY 22, 2000
CURRENT PRODUCT
REPLACEMENT
BEING OBSOLETED
PRODUCT
CS5014 -KP28
40 pin DIP
CS5014 -BP14
CS5014 -KP14
40 pin DIP
CS5014 -BP14
CS5014 -BP28
40 pin DIP
CS5014 -BP14
CS5014 -KL28
44 pin PLCC
CS5014 -BL14
CS5014 -KL14
44 pin PLCC
CS5014 -BL14
CS5014 -BL28
44 pin PLCC
CS5014 -BL14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com