Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 22Page - Cirrus Logic CS5016 Datasheet HTML 23Page - Cirrus Logic CS5016 Datasheet HTML 24Page - Cirrus Logic CS5016 Datasheet HTML 25Page - Cirrus Logic CS5016 Datasheet HTML 26Page - Cirrus Logic CS5016 Datasheet HTML 27Page - Cirrus Logic CS5016 Datasheet HTML 28Page - Cirrus Logic CS5016 Datasheet HTML 29Page - Cirrus Logic CS5016 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
ures 21 and 23 show FFT plots computed from
an ideal 14 and 16-bit sinewave multiplied by a
Blackman-Harris window. Artifacts of window-
ing are discarded from the signal-to-noise
calculation using the assumption that quantization
noise is white. All FFT plots in this data sheet
were derived by averaging the FFT results from
ten 1024 point time records. This filters the spec-
tral variability that can arise from capturing finite
time records without disturbing the total energy
outside the fundamental. All harmonics which ex-
ist above the noise floor and the -92 dB
side-lobes from the Blackman-Harris window are
therefore clearly visible in the plots. For more in-
formation on FFT’s and windowing refer to: F.J.
HARRIS, "On the use of windows for harmonic
dc
50.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
Sampling Rate: 100kHz
Full Scale: 9Vp-p
S/N+D: 72.9dB
Input Frequency (kHz)
12.0
Signal
Amplitude
Relative to
Full Scale
(dB)
Figure 20. FFT Plot of CS5012A with 12 kHz
Full-Scale Input
dc
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
Input Frequency
Signal
Amplitude
Relative to
Full Scale
(dB)
S/N+D: 73.9 dB
f /2
s
Figure 18. Plot of Ideal 12-bit ADC
dc
50.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
Input Frequency (kHz)
1.0
Signal
Amplitude
Relative to
Full Scale
(dB)
Sampling Rate: 100kHz
Full Scale: 9Vp-p
S/N+D: 73.6dB
Figure 19. Plot of CS5012A with 1 kHz
Full Scale Input
Signal
Amplitude
Relative to
Full Scale
dc
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
28 kHz
1 kHz
Sampling Rate: 56 kHz
Full Scale: 9V p-p
S/(N+D): 85.3 dB
Input Frequency
Figure 22. CS5014 FFT plot with 1 kHz
Full Scale Input
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
S/(N+D): 86.1 dB
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
f /2
s
Figure 21. Plot of Ideal 14-bit ADC
CS5012A, CS5014, CS5016
2-32
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com