Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5016 Datasheet HTML 1Page - Cirrus Logic CS5016 Datasheet HTML 2Page - Cirrus Logic CS5016 Datasheet HTML 3Page - Cirrus Logic CS5016 Datasheet HTML 4Page - Cirrus Logic CS5016 Datasheet HTML 5Page - Cirrus Logic CS5016 Datasheet HTML 6Page - Cirrus Logic CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Features
•• Monolithic CMOS A/D Converters
Microprocessor Compatible
Parallel and Serial Output
Inherent Track/Hold Input
•• True 12, 14 and 16-Bit Precision
•• Conversion Times:
CS5016 16.25
µs
CS5014 14.25
µs
CS5012A 7.20
µs
•• Self Calibration Maintains Accuracy
Over Time and Temperature
•• Low Power Dissipation: 150 mW
•• Low Distortion
General Description
The CS5012A/14/16 are 12, 14 and 16-bit monolithic
analog to digital converters with conversion times of
7.2
µs, 14.25µs and 16.25µs. Unique self-calibration cir-
cuitry insures excellent linearity and differential non-
linearity, with no missing codes. Offset and full scale
errors are kept within 1/2 LSB (CS5012A/14) and
1 LSB (CS5016), eliminating the need for calibration.
Unipolar and bipolar input ranges are digitally select-
able.
The pin compatible CS5012A/14/16 consist of a DAC,
conversion and calibration microcontroller, oscillator,
comparator, microprocessor compatible 3-state I/O,
and calibration circuitry. The input track-and-hold, in-
herent to the devices’ sampling architecture, acquires
the input signal after each conversion using a fast
slewing on-chip buffer amplifier. This allows throughput
rates up to 100 kHz (CS5012A), 56 kHz (CS5014) and
50 kHz (CS5016).
An evaluation board (CDB5012/14/16) is available
which allows fast evaluation of ADC performance.
ORDERING INFORMATION: Pages 2-45, 2-46, & 2-47
MAR ’95
DS14F6
2-7
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 FAX: (512) 445 7581
16, 14 & 12-Bit, Self-Calibrating A/D Converters
Semiconductor Corporation
CS5016 CS5014 CS5012A
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15 (MSB)
D4 (LSB) CS5012A
6
7
8
9
12
13
14
15
16
17
18
19
D2 (LSB) CS5014
D0 (LSB) CS5016
D1
SCLK
EOT
EOC
SDATA
2
3
4
5
37
38
39
40
D3
CLKIN
CLOCK
GENERATOR
20
INTRLV
34
RST
32
21
A0
23
RD
22
HOLD
1
BW
33
24
CAL
35
CS
BP/UP
REFBUF
AGND
29
VREF
28
AIN
26
27
CHARGE
REDISTRIBUTION
DAC
COMPARATOR
VA+
VA-
VD+
VD-
DGND
TST
25
30
11
36
10
31
+
-
+
-
+
-
+
-
CONTROL
CALIBRATION
MEMORY
MICROCONTROLLER
STATUS REGISTER
Copyright
© Crystal Semiconductor Corporation 1995
(All Rights Reserved)


Similar Part No. - CS5016

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
1Mb / 40P
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
CS5016-BL16 CIRRUS-CS5016-BL16 Datasheet
1Mb / 40P
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
CS5016-BL16Z CIRRUS-CS5016-BL16Z Datasheet
1Mb / 40P
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
More results

Similar Description - CS5016

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
1Mb / 40P
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
47kHz, 16-bit Self-calibrating Sampling A/D Converter
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com