Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 3 Page - Microchip Technology

  MCP16301HT-E/CH Datasheet HTML 1Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 2Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 3Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 4Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 5Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 6Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2011-2021 Microchip Technology Inc.
DS20005004E-page 5
MCP16301/H
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN, SW ............................................................... -0.5V to 40V
BOOST – GND.................................................... -0.5V to 46V
BOOST – SW Voltage........................................ -0.5V to 6.0V
VFB Voltage ........................................................ -0.5V to 6.0V
EN Voltage ............................................. -0.5V to (VIN +0.3V)
Output Short-Circuit Current ................................. Continuous
Power Dissipation ....................................... Internally Limited
Storage Temperature ................................... -65
°C to +150°C
Ambient Temperature with Power Applied ... -40
°C to +125°C
Operating Junction Temperature.................. -40
°C to +150°C
ESD Protection On All Pins:
HBM ................................................................. 3 kV
MM ..................................................................200V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VIN =VEN =12V, VBOOST –VSW =3.3V,
VOUT =3.3V, IOUT = 100 mA, L = 15 µH, COUT =CIN = 2 x 10 µF X7R ceramic capacitors.
Boldface specifications apply over the TA range of -40
oC to +125oC.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Voltage
VIN
4
—
30
V
Note 1 (MCP16301)
4.7
—
36
V
Note 1 (MCP16301H)
Feedback Voltage
VFB
0.784
0.800
0.816
V
Output Voltage Adjust Range
VOUT
2.0
—
15.0
V
Note 2
Feedback Voltage
Line Regulation
V
FB/VFB)/VIN
—0.01
0.1
%/V
VIN = 12V to 30V
Feedback Input Bias Current
IFB
-250
±10
+250
nA
Undervoltage Lockout Start
UVLOSTART
—3.5
4.0
VVIN Rising (MCP16301)
—3.5
4.7
VVIN Rising (MCP16301H)
Undervoltage Lockout Stop
UVLOSTOP
2.4
3.0
—
V
VIN Falling
Undervoltage Lockout
Hysteresis
UVLOHYS
—0.5
—
V
Switching Frequency
fSW
425
500
550
kHz
IOUT = 200 mA
Maximum Duty Cycle
DCMAX
90
95
—
%
VIN =5V; VFB =0.7V;
IOUT = 100 mA
Minimum Duty Cycle
DCMIN
—1
—
%
NMOS Switch On Resistance
RDS(ON)
—0.46
—
VBOOST –VSW =3.3V
NMOS Switch Current Limit
IN(MAX)
—1.3
—
A
VBOOST –VSW =3.3V
Quiescent Current
IQ
—2
7.5
mA
VBOOST =3.3V; Note 3
Quiescent Current - Shutdown
IQ
—7
10
µA
VOUT =EN = 0V
Maximum Output Current
IOUT
600
——
mA
Note 1
EN Input Logic High
VIH
1.4
——
V
EN Input Logic Low
VIL
——
0.4
V
EN Input Leakage Current
IENLK
—0.05
1.0
µA
VEN = 12V
Note 1:
The input voltage should be > output voltage + headroom voltage; higher load currents increase the input
voltage necessary for regulation. See characterization graphs for typical input to output operating voltage
range and UVLOSTART and UVLOSTOP limits.
2:
For VIN <VOUT, VOUT will not remain in regulation.
3:
VBOOST supply is derived from VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com