Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 5 Page - Microchip Technology

  MCP16301HT-E/CH Datasheet HTML 1Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 2Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 3Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 4Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 5Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 6Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
 2011-2021 Microchip Technology Inc.
DS20005004E-page 7
MCP16301/H
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 12V, COUT =CIN =2 X10µF, L = 15 µH, VOUT =3.3V, ILOAD =200 mA,
TA =+25°C.
FIGURE 2-1:
2.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-2:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-3:
5.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-4:
12V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
15V VOUT Efficiency vs.
IOUT.
FIGURE 2-6:
Maximum Output Current
vs. VIN.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
40
50
60
70
80
90
0
100
200
300
400
500
600
I
OUT (mA)
V
IN = 30V
V
IN = 12V
V
IN = 6V
V
OUT = 2.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
I
OUT (mA)
V
IN = 30V
V
IN = 12V
V
IN = 6V
V
OUT = 3.3V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
I
OUT (mA)
V
IN = 30V
V
IN = 12V
V
IN = 6V
V
OUT = 5.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
I
OUT (mA)
V
IN = 30V
V
IN = 24V
V
IN = 16V
V
OUT = 12.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
I
OUT (mA)
V
IN = 30V
V
IN = 24V
V
IN = 16V
V
OUT = 15.0V
0
200
400
600
800
1000
1200
1400
6
12182430
36
V
IN (V)
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com