Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 10Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 11Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 12Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 13Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 14Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 15Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 16Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 17Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP16301/H
DS20005004E-page 16
 2011-2021 Microchip Technology Inc.
FIGURE 4-3:
MCP16301/H Shunt and External Boost Supply.
Shunt Boost Supply Regulation is used for low-output
voltage converters operating from a wide ranging input
source. A regulated 3.0V to 5.5V supply is needed to
provide high-side drive bias. The shunt uses a Zener
diode to clamp the voltage within the 3.0V to 5.5V
range using the RSH resistor shown in Figure 4-3.
To calculate the RSH resistor value, the boost drive
current needs to be estimated first using Equation 4-1.
IBOOST_TYP for 3.3V Boost Supply = 0.6 mA
IBOOST_TYP for 5.0V Boost Supply = 0.8 mA
EQUATION 4-1:
BOOST CURRENT
CB
VOUT
VIN
CIN
COUT
SW
EN
FB
L
RTOP
VIN
FW Diode
2V
12V
VZ =5.1V
C1
RSH
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
RTOP
RBOT
VIN
Boost Diode
FW Diode
2V
12V
3.0V to 5.5V External Supply
RBOT
MCP16301/H
MCP16301/H
Boost Diode
BOOST
GND
I
BOOST
I
BOOST_TYP
1.5
mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com