Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 10Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 11Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 12Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 13Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 14Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 15Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 16Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2011-2021 Microchip Technology Inc.
DS20005004E-page 15
MCP16301/H
4.2.2
PEAK CURRENT MODE CONTROL
The MCP16301/H devices integrate a Peak Current
Mode Control architecture, resulting in superior AC
regulation while minimizing the number of voltage loop
compensation
components
and
their
size,
for
integration. Peak Current Mode Control takes a small
portion of the inductor current, replicates it, and
compares this replicated current sense signal to the
output of the integrated error voltage. In practice, the
inductor current and the internal switch current are
equal during the switch-on time. By adding this peak
current sense to the system control, the step-down
power train system is reduced from a 2nd order to a 1st
order. This reduces the system complexity and
increases its dynamic performance.
For Pulse-Width Modulation (PWM) duty cycles that
exceed 50%, the control system can become bimodal
where a wide pulse followed by a short pulse repeats
instead of the desired fixed pulse width. To prevent this
mode of operation, an internal compensating ramp is
added to the current information, as shown in
Figure 4-1.
4.2.3
PULSE-WIDTH MODULATION
(PWM)
The internal oscillator periodically starts the switching
period, which, for MCP16301, occurs every 2 µs (or
with a frequency of 500 kHz). With the integrated
switch turned on, the inductor current ramps up until
the sum of the current sense and slope compensation
ramp exceeds the integrated error amplifier output. The
error amplifier output slews up or down to increase or
decrease the inductor peak current feeding into the
output LC filter. If the regulated output voltage is lower
than its target, the inverting error amplifier output rises.
This results in an increase in the inductor current to
correct the errors in the output voltage.
The fixed-frequency duty cycle is terminated when the
sensed inductor peak current, summed with the
internal slope compensation, exceeds the output
voltage of the error amplifier. The PWM latch is reset by
turning off the internal switch and prevents it from
turning on until the beginning of the next cycle. An
overtemperature
signal,
or
boost
capacitor
undervoltage, can also reset the PWM latch to
asynchronously terminate the cycle.
4.2.4
HIGH-SIDE DRIVE
The MCP16301/H devices feature an integrated
high-side N-Channel MOSFET for high-efficiency
step-down power conversion; an N-Channel MOSFET
is preferred for its low resistance and size (instead of a
P-Channel MOSFET). The N-Channel MOSFET gate
must be driven above its source to fully turn on the
transistor. Therefore, a gate-drive voltage above the
input is necessary to turn on the high-side N-Channel.
The high-side drive voltage should be between 3.0V
and 5.5V; the N-Channel source is connected to the
inductor and Schottky diode, or switch node.
When the switch is off, the inductor current flows
through the Schottky diode, providing a path to
recharge the boost capacitor from the boost voltage
source: typically, the output voltage for 3.0V to 5.0V
output applications. A boost-blocking diode is used to
prevent current flow from the boost capacitor back into
the output during the internal switch-on time. Prior to
start-up, the boost cap has no stored charge to drive
the switch; an internal regulator is used to precharge
the boost cap.
Once precharged, the switch is turned on and the
inductor current flows. When the switch turns off, the
inductor current free-wheels through the Schottky
diode, providing a path to recharge the boost capacitor.
Worst-case conditions for recharge occur when the
switch turns on for a very short duty cycle at light load,
limiting the inductor current ramp. In this case, there is
a small amount of time for the boost capacitor to
recharge. For high input voltages there is enough pre-
charge current to replenish the boost capacitor charge.
For input voltages above 5.5V typical, the MCP16301/
H devices will regulate the output voltage with no load.
After starting, the MCP16301/H devices will regulate
the output voltage until the input voltage decreases
below 4V. See Figure 2-17 for device range of opera-
tion over input voltage, output voltage and load.
4.2.5
ALTERNATIVE BOOST BIAS
For 3.0V to 5.0V output voltage applications, the boost
supply is typically the output voltage. For applications
with the output voltage lower than 3V or higher than 5V,
an alternative boost supply can be used.
Alternative boost supplies can be directly used from the
input, input derived, output derived or an auxiliary sys-
tem voltage.
For low voltage output applications with unregulated
input voltage, a shunt regulator derived from the input
can be used to obtain the boost supply. For applications
with high output voltage or regulated high input voltage,
a series regulator can be used to derive the boost
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com