Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 4 Page - Microchip Technology

  MCP16301HT-E/CH Datasheet HTML 1Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 2Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 3Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 4Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 5Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 6Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP16301/H
DS20005004E-page 6
 2011-2021 Microchip Technology Inc.
Soft-Start Time
tSS
—
300
—
µs
EN Low to High,
90% of VOUT
Thermal Shutdown Die
Temperature
TSD
—150
—
C
Die Temperature Hysteresis
TSDHYS
—30
—
C
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, TA =+25°C, VIN =VEN =12V, VBOOST -VSW =3.3V,
VOUT =3.3V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 6L-SOT-23
JA
—
190.5
—
°C/W
EIA/JESD51-3 Standard
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VIN =VEN =12V, VBOOST –VSW =3.3V,
VOUT =3.3V, IOUT = 100 mA, L = 15 µH, COUT =CIN = 2 x 10 µF X7R ceramic capacitors.
Boldface specifications apply over the TA range of -40
oC to +125oC.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The input voltage should be > output voltage + headroom voltage; higher load currents increase the input
voltage necessary for regulation. See characterization graphs for typical input to output operating voltage
range and UVLOSTART and UVLOSTOP limits.
2:
For VIN <VOUT, VOUT will not remain in regulation.
3:
VBOOST supply is derived from VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com