Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910A1-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3910A1-E/ML
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3910A1-E/ML Datasheet HTML 17Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 18Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 19Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 20Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 21Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 22Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 23Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 24Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 21
MCP3910
3.9
Modulator Outputs
(MDAT0/MDAT1)
MDAT0 and MDAT1 are the output pins for the modulator
serial bitstreams of ADC Channels 0 and 1, respectively.
These pins are high-impedance when the EN_MDAT bit
is logic low. When the EN_MDAT bit is enabled, the
modulator bitstream of each channel is present on the
MDAT0/1 output pins and updated at the AMCLK
frequency (see Section 5.3.5 “Modulator Output
Block”
for a complete description of the modulator out-
puts). These pins can be directly connected to an MCU
or a DSP when a specific digital filtering is needed. When
the MDAT output pins are enabled, the DR output is
disabled. In Two-Wire Interface mode, these pins are
automatically inactive. Their state is high-impedance
during this Two-Wire Interface mode (therefore, these
pins can be left grounded in applications using exclu-
sively this mode; this configuration improves the
EMI/EMC susceptibility of the device).
3.10
Data Ready Output/GAIN1 Logic
Input (DR/GAIN1)
In SPI mode, the Data Ready Output pin indicates if a
new conversion result is ready to be read. The default
state of this pin is logic high when DR_HIZ = 1, and is
high-impedance when DR_HIZ = 0 (default). After each
conversion is finished, a logic low pulse will take place
on the Data Ready pin to indicate the conversion result
is ready as an interrupt. This pulse is synchronous with
the Master Clock and has a defined and constant width.
The Data Ready pin is independent of the SPI interface
and acts like an interrupt output. The Data Ready pin
state is not latched and the pulse width (and period) are
both determined by the MCLK frequency, oversampling
rate, and internal clock prescale settings. The data
ready pulse width is equal to half a DMCLK period and
the frequency of the pulses is equal to DRCLK (see
Figure 1-3).
In Two-Wire Interface mode, this is the GAIN1 logic
select input pin (see Section 7.0 “Two-Wire Serial
Interface Description”
for the logic input table for
GAIN0 and GAIN1). The pin state is latched when the
mode changes to Two-Wire Interface mode and is
relatched at each Watchdog Timer Reset.
3.11
Crystal Oscillator/Master Clock
Input/GAIN0 Logic Input
(OSC1/CLKI/GAIN0)
In SPI mode, OSC1/CLKI and OSC2 provide the Master
Clock for the device. When CLKEXT = 0, a resonant
crystal or clock source with a similar sinusoidal wave-
form must be placed across the OSC1 and OSC2 pins
to ensure proper operation.
The typical clock frequency specified is 4 MHz. For
proper operation, and for optimizing ADC accuracy,
AMCLK should be limited to the maximum frequency
defined in Table 5-2 for the function of the BOOST and
PGA setting chosen. MCLK can take larger values as
long as the prescaler settings (PRE[1:0]) limit
AMCLK = MCLK/PRESCALE in the defined range in
Table 5-2. Appropriate load capacitance should be
connected to these pins for proper operation.
In Two-Wire Interface mode, this is the GAIN0 logic
select input pin (see Section 7.0 “Two-Wire Serial
Interface Description”
for the logic input table for
GAIN0 and GAIN1). The pin state is latched when the
mode changes to Two-Wire Interface mode and is
relatched at each Watchdog Timer Reset.
3.12
Crystal Oscillator Output/
Interface Mode Logic Input
(OSC2/MODE)
When CLKEXT = 0 (default), a resonant crystal or clock
source with a similar sinusoidal waveform must be
placed across the OSC1 and OSC2 pins to ensure
proper operation. Appropriate load capacitance should
be connected to these pins for proper operation.
When CLKEXT = 1 (default condition at POR), this pin
is the Mode Selection pin for the digital interface. When
MODE is logic low, the SPI interface is selected (see
Section 6.0 “SPI Serial Interface Description”
);
when MODE is logic high, the two-wire interface (see
Section 7.0 “Two-Wire Serial Interface Descrip-
tion”
) is selected. The MODE input is latched after a
POR, a Master Reset and/or a Watchdog Timer Reset.
Note:
This pin should not be left floating when the
DR_HIZ bit is low; a 100 k
 pull-up resistor
connected to DVDD is recommended.
Note:
When CLKEXT = 1, the crystal oscillator is
disabled. OSC1 becomes the Master
Clock input, CLKI, a direct path for an
external clock source. One example
would be a clock source generated by an
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com