Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910A1-E/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3910A1-E/ML
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3910A1-E/ML Datasheet HTML 13Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 14Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 15Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 16Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 17Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 18Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 19Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 20Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 17
MCP3910
Note:
Unless otherwise indicated, AVDD = 3V, DVDD = 3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0;
CLKEXT = 1; BOOST[1:0] = 10.
FIGURE 2-37:
Operating Current vs. MCLK
Frequency vs. Boost, VDD = 3.0V.
4
4.5
AI
DD Boost = 2x
3.5
4
2.5
3
AI
DD Boost = 1x
15
2
AI
DD Boost = 0.66x
1
1.5
DI
AI
DD Boost = 0.5x
0
0.5
0
10
1
20
2
30
DI
DD
0
5
10
15
20
25
30
MCLK Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com