Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910A1-E/ML Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3910A1-E/ML
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/ML Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3910A1-E/ML Datasheet HTML 38Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 39Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 40Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 41Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 42Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 43Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 44Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 45Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
MCP3910
DS20005116D-page 42
 2012-2020 Microchip Technology Inc.
5.11
Data Ready Status Bits
In addition to the Data Ready pin indicator, the
MCP3910 device includes a separate data ready status
bit for each channel. Each ADC channel, CHn, is
associated with the corresponding DRSTATUS[n] that
can be read at all times in the STATUSCOM register.
These status bits can be used to synchronize the data
retrieval in case the DR pin is not connected (see
Section 6.8
“ADC
Channels
Latching
and
Synchronization”
).
The DRSTATUS[1:0] bits are not writable; writing on
them has no effect. They have a default value of ‘1’,
which indicates that the data of the corresponding ADC
are not ready. This means that the ADC Output register
has not been updated since the last reading (or since
the last Reset). The DRSTATUS bits take the ‘0’ state
once the ADC Channel register is updated (which
happens at a DRCLK rate). A simple read of the
STATUSCOM register clears all the DRSTATUS bits to
their default value (‘1’).
In the case of DR_LINK = 1, the DRSTATUS[1:0] bits
are all updated synchronously with the most lagging
channel; in the same time, the data ready pulse is
generated. In case of DR_LINK = 0, each DRSTATUS
bit is updated independently and synchronously with its
corresponding channel.
5.12
Data Ready Link
There are two modes defined with the DR_LINK bit, in
the STATUSCOM register, that control the data ready
pulses. The position of the data ready pulses varies
with respect to this mode, to the OSR[2:0] and to the
PHASE register settings. Figure 5-9 represents the
behavior of the Data Ready pin with the two DR_LINK
configurations.
• DR_LINK = 0: Both data ready pulses from ADC
Channel 0 and ADC Channel 1 are output on the
DR pin.
• DR_LINK = 1 (Recommended and Default mode):
Only the data ready pulses from the most lagging
ADC, between all the active ADCs, are present on
the DR pin.
The lagging ADC data ready position depends on the
PHASE0/1 registers, the PRE[1:0] and the OSR[2:0]
settings. In this mode, the active ADCs are linked
together, so their data are latched together when the
lagging ADC output is ready. For power metering appli-
cations, DR_LINK = 1 is recommended (default mode).
It allows the host MCU to gather all channels synchro-
nously within a unique interrupt pulse and it ensures
that all channels have been latched at the same time,
so that no data corruption is happening.
FIGURE 5-9:
DR_LINK Configurations.
One DRCLK period
(OSR times DMCLK periods)
DR_LINK =
1
Only the most lagging data ready is present
All channels are latched together at DR falling edge
DR_LINK =
0
All channels data ready
are present
Data ready pulse
from CH1
Data ready pulse from
CH1 channel (reference)
PHASE =
0
PHASE <
0
PHASE >
0
Data ready pulse from
most lagging ADC channel
(here CH0 channel lags)
Data ready pulse from
most lagging ADC channel
Data ready pulse from CH0
channel if PHASE <
0
DR
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com