Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910A1-E/ML Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP3910A1-E/ML
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/ML Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP3910A1-E/ML Datasheet HTML 26Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 27Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 28Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 29Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 30Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 31Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 32Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 33Page - Microchip Technology MCP3910A1-E/ML Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
MCP3910
DS20005116D-page 30
 2012-2020 Microchip Technology Inc.
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN[1:0] = 11, VREFEXT = CLKEXT = 1. This
mode is called Full Shutdown mode and no analog
circuitry is enabled. In this mode, both AVDD and DVDD
POR monitoring are also disabled and no clock is prop-
agated throughout the chip. All ADCs are in Shutdown
mode and the internal voltage reference is disabled.
This mode can only be entered during SPI mode.
The clock is no longer distributed to the input structure
either. This can potentially cause high analog input leak-
age currents at the analog inputs if the input voltage is
highly negative (typically, below -0.6V, referred to as
AGND).
The only circuit that remains active is the SPI interface,
but this circuit does not induce any static power
consumption. If SCK is Idle, the only current consumption
comes from the leakage currents induced by the
transistors and is less than 5 µA on each power supply.
This mode can be used to power down the chip
completely and to avoid power consumption when
there are no data to convert at the analog inputs. Any
SCK or MCLK edge occurring while in this mode will
induce dynamic power consumption.
Once any of the SHUTDOWN, CLKEXT and VREFEXT
bits return to ‘0’, the two POR monitoring blocks are
operational, and AVDD and DVDD monitoring can take
place.
4.23
Measurement Error
The measurement error specification is typically used
in power metering applications. This specification is a
measurement of the linearity of the active energy of a
given power meter across its dynamic range.
For this measurement, the goal is to measure the
active energy of one phase when the voltage Root
Mean Square (RMS) value is fixed and the current
RMS value is sweeping across the dynamic range
specified by the meter. The measurement error is the
nonlinearity error of the energy power across the
current dynamic range. It is expressed in percent (%).
Equation 4-13 shows the formula that calculates the
measurement error.
EQUATION 4-13:
In the present device, the calculation of the active
energy is done externally, as a post-processing step
that typically happens in the microcontroller; consider-
ing, for example, Channel 0 as the current channel and
Channel 1 as the voltage channel. Channel 1 is fed with
a full-scale sine wave at 600 mV peak, and is config-
ured with GAIN = 1 and DITHER = Maximum. To obtain
the active energy measurement error graphs,
Channel 0 is fed with sine waves with amplitudes that
vary from 600 mV peak to 60 µV peak, representing a
10,000:1 dynamic range. The offset is removed on both
current and voltage channels, and the channels are
multiplied together to give instantaneous power. The
active energy is calculated by multiplying the current
and voltage channel, and averaging the results of this
power during 20 seconds to extract the active energy.
The sampling frequency is chosen as a multiple integer
of line frequency (coherent sampling). Therefore, the
calculation does not take into account any residue
coming from bad synchronization.
The measurement error is a function of IRMS, varies with
the OSR, averaging time, MCLK frequency, and is tightly
coupled with the noise and linearity specifications. The
measurement error is a function of the linearity and THD
of the ADCs, while the standard deviation of the
measurement error is a function of the noise specifica-
tion of the ADCs. Overall, the low THD specification
enables low measurement error on a very large dynamic
range (e.g., 10,000:1). A low noise and high SNR
specification enables the decrease of the measurement
time, and therefore, of the calibration time, to obtain a
reliable measurement error specification.
Figure 2-5 shows the typical measurement error curves
obtained with the samples acquired by the MCP3910,
using the default settings with 1-point and 2-point cali-
bration. These calibrations are detailed in Section 8.6
“Energy Measurement Error Considerations”
.
Measurement Error I
RMS
 Measured Active Energy Active Energy present at inputs
–
Active Energy present at inputs
--------------------------------------------------------------------------------------------------------------------------------------------
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com