Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD66P04BGS Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD66P04BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD66P04BGS Datasheet HTML 25Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 26Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 27Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 28Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 29Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 30Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 31Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 32Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
27
µPD66P04B
Data Sheet U13596EJ2V1DS00
(5) Carrier waveform (Enlarged waveform of each code’s high period)
(6) Bit array of each code
Caution To prevent malfunction with other systems when receiving data in the NEC transmission
format, not only fully decode (make sure to check Data Code as well) the total 32 bits of the
16-bit custom codes (Custom Code, Custom Code’) and the 16-bit data codes (Data Code,
Data Code) but also check to make sure that no signals are present.
REM output
8.77 s
9 ms or 0.56 ms
Carrier frequency : 38 kHz
26.3 s
µ
µ
C0 C1 C2 C3 C4 C5 C6 C7 C0'
C0
or
Co
C1'
C1
or
C1
C2'
C2
or
C2
C3'
C3
or
C3
C4'
C4
or
C4
C5'
C5
or
C5
C6'
C6
or
C6
C7'
C7
or
C7
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
Data code
Data code
Custom code'
Custom code
Leader code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com