Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD66P04BGS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD66P04BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD66P04BGS Datasheet HTML 17Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 18Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 19Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 20Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 21Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 22Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 23Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 24Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
19
µPD66P04B
Data Sheet U13596EJ2V1DS00
5. CHARACTERISTIC CURVE (REFERENCE VALUES)
IOL vs VOL (REM, LED)
Low-level output voltage VOL [V]
IOH vs VOH (REM)
High-level output voltage VOH [V]
IOH vs VOH (LED)
High-level output voltage VOH [V]
10
0.6
1.8
2.4
3
1.2
9
8
7
6
5
4
3
2
1
0
–20
VDD – 0.6
VDD – 1.8 VDD – 2.4 VDD – 3
VDD – 1.2
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
VDD
–10
VDD – 0.6
VDD – 1.8 VDD – 2.4 VDD – 3
VDD – 1.2
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
VDD
(TA = 25
°C, VDD = 3.0 V)
(TA = 25
°C , VDD = 3.0 V)
(TA = 25
°C , VDD = 3.0 V)
IDD vs VDD
Power supply voltage VDD [V]
(TA = 25
°C)
1100
1000
900
800
700
600
500
400
1.2
2.4
3.0
4.2
3.6
1.8
fOSC vs VDD
Power supply voltage VDD [V]
(C = 27 pF, TA = 25
°C)
R = 47 k
Ω
R = 22 k
Ω
1.2
1.0
0.8
0.6
0.4
0.2
0
1.8
2.4
3.0
1 MHz operating mode
1 MHz HALT mode
455 kHz operating mode
455 kHz HALT mode
3.6
4.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com