Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD66P04BGS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD66P04BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD66P04BGS Datasheet HTML 1Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 2Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 3Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 4Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 5Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 6Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 7Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 8Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
©
1998, 1999
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
The
µPD66P04B is a microcontroller for infrared remote control transmitters which is provided with a one-time
PROM as the program memory.
Because users can write programs for the
µPD66P04B, it is ideal for program evaluation and small-scale
production of the application systems using the
µPD6604.
When reading this document, also refer to the
µPD6604 Data Sheet (U11281E).
FEATURES
• Program memory (one-time PROM) : 1002
× 10 bits
• Data memory (RAM)
: 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 16
µs (when operating at fOSC = 500 kHz: RC oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0)
: 1 unit
•S1/LED pin (I/O)
: 1 unit (When in output mode, this is the remote control transmission
display pin.)
• Power supply voltage
: VDD = 2.2 to 3.6 V
• Operating ambient temperature
: TA = –40 to +85
°C
• Oscillator frequency
: fOSC = 300 kHz to 1 MHz
• POC circuit
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
Because the
µPD66P04B uses an RC oscillation system clock, its accuracy and stability are lower than
the models using ceramic oscillation.
In applications where the clock accuracy and stability pose a problem, use the
µPD61P34B (ceramic
oscillation type).
MOS INTEGRATED CIRCUIT
µPD66P04B
Document No. U13596EJ2V1DS00 (2nd edition)
Date Published August 2000 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com