Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD66P04BGS Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD66P04BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD66P04BGS Datasheet HTML 15Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 16Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 17Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 18Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 19Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 20Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 21Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 22Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
17
µPD66P04B
Data Sheet U13596EJ2V1DS00
AC Programming Characteristics (TA = 25
°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V)
Parameter
Symbol
Note1
Test Conditions
MIN.
TYP.
MAX.
Unit
Address setup timeNote 2 (vs. MD0
↓)tAS
tAS
2
µs
MD1 setup time (vs. MD0
↓)tM1S
tOES
2
µs
Data setup time (vs. MD0
↓)tDS
tDS
2
µs
Address hold timeNote 2 (vs. MD0
↑)tAH
tAH
2
µs
Data hold time (vs. MD0
↑)tDH
tDH
2
µs
MD0
↑→ data output float delay time
tDF
tDF
0
130
ns
VPP setup time (vs. MD3
↑)tVPS
tVPS
2
µs
VDD setup time (vs. MD3
↑)tVDS
tVCS
2
µs
Initial program pulse width
tPW
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
tOPW
0.95
21.0
ms
MD0 setup time (vs. MD1
↑)tMOS
tCES
2
µs
MD0
↓→ data output delay time
tDV
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (vs. MD0
↑)tM1H
tOEH
tM1H+tM1R
≥ 50
µs2
µs
MD1 recovery time (vs. MD0
↓)tM1R
tOR
2
µs
Program counter reset time
tPCR
–10
µs
CLK input high-, low-level width
tXH, tXL
–
0.125
µs
CLK input frequency
fX
–
8
MHz
Initial mode set time
tI
–2
µs
MD3 setup time (vs. MD1
↑)tM3S
–2
µs
MD3 hold time (vs. MD1
↓)tM3H
–2
µs
MD3 setup time (vs. MD0
↓)tM3SR
–
When program memory is read
2
µs
AddressNote 2
→ data output delay time
tOAD
tACC
When program memory is read
2
µs
AddressNote 2
→ data output hold time
tHAD
tOH
When program memory is read
0
130
ns
MD3 hold time (vs. MD0
↑)tM3HR
–
When program memory is read
2
µs
MD3
↓→ data output float delay time
tDFR
–
When program memory is read
2
µs
Reset setup time
tRES
–10
µs
Oscillation stabilization wait timeNote 3
tWAIT
–2
ms
Notes 1. Equivalent symbol of the corresponding
µPD27C256A (The µPD27C256A is a maintenance product.)
2. The internal address signal is incremented at the falling edge of the third clock of CLK.
3. Connect a resistor (R = 47 k
Ω) and a capacitor (C = 27 pF) between the OSCIN and OSCOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com