Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD66P04BGS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD66P04BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD66P04BGS Datasheet HTML 10Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 11Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 12Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 13Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 14Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 15Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 16Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 17Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
12
µPD66P04B
Data Sheet U13596EJ2V1DS00
3.3 Program Memory Reading Procedure
(1)
Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2)
Supply 5 V to the VDD pin. Keep the VPP pin low.
(3)
Supply 5 V to the VPP pin after waiting for 10
µs.
(4)
Wait for 2 ms until oscillation of the clock connected across the OSCIN and OSCOUT pins stabilizes.
(5)
Set the program memory address 0 clear mode by using the mode setting pins.
(6)
Supply 6 V to VDD and 12.5 V to VPP.
(7)
Set the program inhibit mode.
(8)
Set the verify mode. Data of each address is output sequentially each time the clock pulse is input to
the CLK pin four times.
(9)
Set the program inhibit mode.
(10) Set the program memory address 0 clear mode.
(11) Change the voltage on the VDD and VPP pins to 5 V.
(12) Turn off power.
The following figure illustrates steps (2) through (10) above.
Reset
Oscillation stabilization
wait time
Hi-Z
Hi-Z
VPP
VDD
GND
VDD+1
VDD
GND
CLK
VPP
D0-D7
MD0
MD1
MD2
MD3
Data output
Data output
"L"
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com