Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 170Page - STMicroelectronics ST72340 Datasheet HTML 171Page - STMicroelectronics ST72340 Datasheet HTML 172Page - STMicroelectronics ST72340 Datasheet HTML 173Page - STMicroelectronics ST72340 Datasheet HTML 174Page - STMicroelectronics ST72340 Datasheet HTML 175Page - STMicroelectronics ST72340 Datasheet HTML 176Page - STMicroelectronics ST72340 Datasheet HTML 177Page - STMicroelectronics ST72340 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 191 page
background image
ST72340, ST72344, ST72345
174/191
13.12 COMMUNICATION INTERFACE CHARACTERISTICS
13.12.1 I2C and I²C3SNS Interfaces
Subject to general operating conditions for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(SDAI and SCLI). The ST7 I2C and I2C3SNS inter-
faces meet the electrical and timing requirements
of the Standard I2C communication protocol.
TA = -40°C to 85°C, unless otherwise specified
Note:
1. The I2C and I2C3SNS interfaces will not function below the minimum clock speed of 4 MHz.
The following table gives the values to be written in
the I2CCCR register to obtain the required I2C
SCL line frequency.
Table 29. SCL Frequency Table (Multimaster I2C Interface)
Legend:
RP = External pull-up resistance
fSCL = I
2C speed
NA = Not achievable
Note:
– For speeds around 200 kHz, achieved speed can have
±5% tolerance
– For other speed ranges, achieved speed can have
±2% tolerance
The above variations depend on the accuracy of the external components used.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
I²C SCL frequency
fCPU=4 MHz to 8 MHz
1),
VDD= 2.7V to 5.5V
400
kHz
fSCL3SNS
I²C3SNS SCL frequency
400
kHz
fSCL
I2CCCR Value
fCPU=4 MHz.
fCPU=8 MHz.
VDD = 3.3 V
VDD = 5 V
VDD = 3.3 V
VDD = 5 V
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
400
NA
NA
NA
NA
84h
84h
84h
84h
300
NA
NA
NA
NA
86h
86h
85h
87h
200
84h
84h
84h
84h
8Ah
8Ah
8Bh
8Ch
100
11h
10h
11h
11h
25h
24h
28h
28h
50
25h
24h
25h
26h
4Bh
4Ch
53h
54h
20
60h
5Fh
60h
62h
FFh
FFh
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com