Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 173Page - STMicroelectronics ST72340 Datasheet HTML 174Page - STMicroelectronics ST72340 Datasheet HTML 175Page - STMicroelectronics ST72340 Datasheet HTML 176Page - STMicroelectronics ST72340 Datasheet HTML 177Page - STMicroelectronics ST72340 Datasheet HTML 178Page - STMicroelectronics ST72340 Datasheet HTML 179Page - STMicroelectronics ST72340 Datasheet HTML 180Page - STMicroelectronics ST72340 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 191 page
background image
ST72340, ST72344, ST72345
177/191
14 PACKAGE CHARACTERISTICS
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
These packages have a Lead-free second level in-
terconnect. The category of second Level Inter-
connect is marked on the package and on the in-
ner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to solder-
ing conditions are also marked on the inner box la-
bel.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.
14.1 PACKAGE MECHANICAL DATA
Figure 116. 32-Pin Low Profile Quad Flat Package (7x7)
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35
1.40
1.45 0.053 0.055 0.057
b
0.30
0.37
0.45 0.012 0.015 0.018
C
0.09
0.20 0.004
0.008
D
9.00
0.354
D1
7.00
0.276
E
9.00
0.354
E1
7.00
0.276
e
0.80
0.031
θ
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
32
Note 1. Values in inches are converted from
mm and rounded to 3 decimal digits.
h
c
L
L1
b
e
A1
A2
A
E
E1
D
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com