Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 177Page - STMicroelectronics ST72340 Datasheet HTML 178Page - STMicroelectronics ST72340 Datasheet HTML 179Page - STMicroelectronics ST72340 Datasheet HTML 180Page - STMicroelectronics ST72340 Datasheet HTML 181Page - STMicroelectronics ST72340 Datasheet HTML 182Page - STMicroelectronics ST72340 Datasheet HTML 183Page - STMicroelectronics ST72340 Datasheet HTML 184Page - STMicroelectronics ST72340 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 191 page
background image
ST72340, ST72344, ST72345
181/191
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (FASTROM).
ST7P234x devices are Factory Advanced Service
Technique ROM (FASTROM) versions: they are
factory-programmed XFlash devices.
ST72F34x FLASH devices are shipped to custom-
ers with a default content (FFh). This implies that
FLASH devices have to be configured by the cus-
tomer using the Option Bytes.
15.1 OPTION BYTES
The four option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes can be accessed only in pro-
gramming mode (for example using a standard
ST7 programming tool).
OPTION BYTE 0
OPT7 = WDG HALT Watchdog Reset on Halt
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6 = WDG SW Hardware or Software
Watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5:4 = LVD[1:0] Low voltage detection selec-
tion
These option bits enable the LVD block with a se-
lected threshold as shown in Table 31.
Table 31. LVD Threshold Configuration
OPT3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 ac-
cording to the following table.
OPT1 = FMP_R Read-out protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and Section 4.5 on page 17 for more de-
tails
0: Read-out protection off
1: Read-out protection on
OPT0 = FMP_W FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
Configuration
LVD1 LVD0
LVD Off
11
Highest Voltage Threshold (
∼4.1V)
10
Medium Voltage Threshold (
∼3.5V)
01
Lowest Voltage Threshold (
∼2.8V)
00
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11
OPTION BYTE 0
70
OPTION BYTE 1
70
WDG
HALT
WDG
SW
LVD1 LVD0 SEC1 SEC0
FMP
R
FMP
W
RST
C
OSCRANGE
2:0
OSC
DIV2
EN
PLL
x4x8
PLL
OFF
Default
Value
1111
1
1
0
0
1
1
1
1011
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com