Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 180Page - STMicroelectronics ST72340 Datasheet HTML 181Page - STMicroelectronics ST72340 Datasheet HTML 182Page - STMicroelectronics ST72340 Datasheet HTML 183Page - STMicroelectronics ST72340 Datasheet HTML 184Page - STMicroelectronics ST72340 Datasheet HTML 185Page - STMicroelectronics ST72340 Datasheet HTML 186Page - STMicroelectronics ST72340 Datasheet HTML 187Page - STMicroelectronics ST72340 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 191 page
background image
ST72340, ST72344, ST72345
184/191
15.2 DEVICE ORDERING INFORMATION
Table 33. Supported part numbers
Part Number
Peripherals
Program
Memory
(Bytes)
RAM
(Bytes)
Data
EEPROM
(Bytes)
Temp.
Range
Package
ST72F340K2T6
Common peripherals
8K FLASH
512
256
-40°C to 85°C
LQFP32
ST72F340S2T6
LQFP44
ST72F340K4T6
16K FLASH
1K
LQFP32
ST72F340S4T6
LQFP44
ST72F344K2T6
Common peripherals
+
10-bit ADC,
int high-accuracy 1MHz RC
8K FLASH
512
LQFP32
ST72F344S2T6
LQFP44
ST72F344K4T6
16K FLASH
1K
LQFP32
ST72F344S4T6
LQFP44
ST72F345C4T6
Common peripherals
+
I²C3SNS
10-bit ADC,
int high-accuracy 1MHz RC
16K FLASH
1K
LQFP48
Contact ST sales office for product availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com