Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 182Page - STMicroelectronics ST72340 Datasheet HTML 183Page - STMicroelectronics ST72340 Datasheet HTML 184Page - STMicroelectronics ST72340 Datasheet HTML 185Page - STMicroelectronics ST72340 Datasheet HTML 186Page - STMicroelectronics ST72340 Datasheet HTML 187Page - STMicroelectronics ST72340 Datasheet HTML 188Page - STMicroelectronics ST72340 Datasheet HTML 189Page - STMicroelectronics ST72340 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 191 page
background image
ST72340, ST72344, ST72345
186/191
15.3 DEVELOPMENT TOOLS
Development tools for the ST7 microcontrollers in-
clude a complete range of hardware systems and
software tools from STMicroelectronics and third-
party tool suppliers. The range of tools includes
solutions to help you evaluate microcontroller pe-
ripherals, develop and debug your application, and
program your microcontrollers.
15.3.1 Starter kits
ST offers complete, affordable starter kits. Starter
kits are complete, affordable hardware/software
tool packages that include features and samples
to help you quickly start developing your applica-
tion.
15.3.2 Development and debugging tools
Application development for ST7 is supported by
fully optimizing C Compilers and the ST7 Assem-
bler-Linker toolchain, which are all seamlessly in-
tegrated in the ST7 integrated development envi-
ronments in order to facilitate the debugging and
fine-tuning of your application. The Cosmic C
Compiler is available in a free version that outputs
up to 16KBytes of code.
The range of hardware tools includes full-featured
ST7-EMU3 series emulators and the low-cost
RLink in-circuit debugger/programmer. These
tools are supported by the ST7 Toolset from
STMicroelectronics, which includes the STVD7 in-
tegrated development environment (IDE) with
high-level language debugger, editor, project man-
ager and integrated programming interface.
15.3.3 Programming tools
During the development cycle, the ST7-EMU3 se-
ries emulators and the RLink provide in-circuit
programming capability for programming the Flash
microcontroller on your application board.
ST also provides a low-cost dedicated in-circuit
programmer, the ST7-STICK, as well as ST7
Socket Boards which provide all the sockets re-
quired for programming any of the devices in a
specific ST7 sub-family on a platform that can be
used with any tool with in-circuit programming ca-
pability for ST7.
For production programming of ST7 devices, ST’s
third-party tool partners also provide a complete
range of gang and automated programming solu-
tions, which are ready to integrate into your pro-
duction environment.
15.3.4 Order codes for ST72F34x development tools
Table 34. Development tool order codes
Notes:
1. USB connection to PC
2. RLink with ST7 tool set
3. Add suffix /EU, /UK or /US for the power supply for your region
4. Parallel port connection to PC
5. Only available for LQFP32 and LQFP44 packages
6. Only available for LQFP48 package
For additional ordering codes for spare parts and
accessories, refer to the online product selector at
www.st.com/mcu.
MCU
Starter kit
Emulator
Programming Tool
In-circuit debugger/
programmer
Dedicated programmer
ST72F340
ST72F344
ST72F345
ST72F34x-SK/RAIS 1)
ST7MDT40-EMU3
STX-RLINK 2)
ST7-STICK 3)4)
ST7SB20J/xx 3)5)
ST7SB40-QP48/xx 3)6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com