Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 183Page - STMicroelectronics ST72340 Datasheet HTML 184Page - STMicroelectronics ST72340 Datasheet HTML 185Page - STMicroelectronics ST72340 Datasheet HTML 186Page - STMicroelectronics ST72340 Datasheet HTML 187Page - STMicroelectronics ST72340 Datasheet HTML 188Page - STMicroelectronics ST72340 Datasheet HTML 189Page - STMicroelectronics ST72340 Datasheet HTML 190Page - STMicroelectronics ST72340 Datasheet HTML 191Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 190 / 191 page
background image
ST72340, ST72344, ST72345
190/191
17 REVISION HISTORY
Date
Revision
Main changes
29-April-2006
1
First release on internet
23-Oct-2006
2
Removed references to BGA56 and QFN40 packages
TQFP package naming changed to LQFP (Low-profile Quad Flat)
Changed number of I/O ports on first page
PDVD (Power Down Voltage Detector) replaced by AVD (Auxiliary Voltage Detector)
Modified note 3 to Table 2 on page 12
Added PF4 to Figure 3 on page 6 and Figure 4 on page 7
“MEMORY ACCESS” on page 19
Modified Figure 8, Figure 9 on page 20 and Figure 10 on page 21
Changed RCCR table in Section 7.2 on page 29 (fRC=1MHz)
References to PDVDF, PDVDIE corrected to AVDF, AVDIE: Section 7.5.2 on page 34
Current characteristics Section 13.2.2 on page 153 updated
General operating conditions table updated, Section 13.3.1 on page 154
Data updated in Section 13.3.2 on page 154, note replaced
Table modified in Section 13.3.3 on page 155
Notes adjusted for table in Section 13.4 on page 156
Modified Section 13.5 on page 156 (for VDD=5V)
Table in Section 13.6.1 on page 157 modified
Updated Section 13.6.2 on page 159
Added Section 13.7.2 and Figure 93 on page 160
Table in Section 13.8.2 on page 163 modified
Absolute maximum ratings and electrical sensitivity table updated, Section 13.9.3 on
page 165
Added note 1 to VIL and VIH in Section 13.10.1 on page 166
Table in Section 13.10.2 on page 167 modified (for VDD= 3.3V and VDD=2.7V)
Modified graphs in Section 13.10.2 on page 167
tg(RSTL)in updated in Section 13.11 on page 172
Updated Table 29 on page 174
Updated Table 30 on page 180
Modified default values for option byte 2 and 3 on page 183
Added option list on page 185
Added “DEVELOPMENT TOOLS” on page 186
Added known limitations: “In-Application Programming” on page 189, “Programming
of EEPROM data” on page 189, and “Flash Write/Erase Protection” on page 189
Modified Section 16.6 on page 189
Changed status of the document (datasheet instead of preliminary data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com