Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 183Page - STMicroelectronics ST72340 Datasheet HTML 184Page - STMicroelectronics ST72340 Datasheet HTML 185Page - STMicroelectronics ST72340 Datasheet HTML 186Page - STMicroelectronics ST72340 Datasheet HTML 187Page - STMicroelectronics ST72340 Datasheet HTML 188Page - STMicroelectronics ST72340 Datasheet HTML 189Page - STMicroelectronics ST72340 Datasheet HTML 190Page - STMicroelectronics ST72340 Datasheet HTML 191Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 187 / 191 page
background image
ST72340, ST72344, ST72345
187/191
16 KNOWN LIMITATIONS
16.1 External interrupt missed
To avoid any risk if generating a parasitic interrupt,
the edge detector is automatically disabled for one
clock cycle during an access to either DDR and
OR. Any input signal edge during this period will
not be detected and will not generate an interrupt.
This case can typically occur if the application re-
freshes the port configuration registers at intervals
during runtime.
Workaround
The workaround is based on software checking
the level on the interrupt pin before and after writ-
ing to the PxOR or PxDDR registers. If there is a
level change (depending on the sensitivity pro-
grammed for this pin) the interrupt routine is in-
voked using the call instruction with three extra
PUSH instructions before executing the interrupt
routine (this is to make the call compatible with the
IRET instruction at the end of the interrupt service
routine).
But detection of the level change does not make
sure that edge occurs during the critical 1 cycle du-
ration and the interrupt has been missed. This may
lead to occurrence of same interrupt twice (one
hardware and another with software call).
To avoid this, a semaphore is set to '1' before
checking the level change. The semaphore is
changed to level '0' inside the interrupt routine.
When a level change is detected, the semaphore
status is checked and if it is '1' this means that the
last interrupt has been missed. In this case, the in-
terrupt routine is invoked with the call instruction.
There is another possible case i.e. if writing to
PxOR or PxDDR is done with global interrupts dis-
abled (interrupt mask bit set). In this case, the
semaphore is changed to '1' when the level
change is detected. Detecting a missed interrupt is
done after the global interrupts are enabled (inter-
rupt mask bit reset) and by checking the status of
the semaphore. If it is '1' this means that the last
interrupt was missed and the interrupt routine is in-
voked with the call instruction.
To implement the workaround, the following soft-
ware sequence is to be followed for writing into the
PxOR/PxDDR registers. The example is for for
Port PF1 with falling edge interrupt sensitivity. The
software sequence is given for both cases (global
interrupt disabled/enabled).
Case 1: Writing to PxOR or PxDDR with Global In-
terrupts Enabled:
LD A,#01
LD sema,A
; set the semaphore to '1'
LD A,PFDR
AND A,#02
LD X,A
; store the level before writing to
PxOR/PxDDR
LD A,#$90
LD PFDDR,A ; Write to PFDDR
LD A,#$ff
LD PFOR,A
; Write to PFOR
LD A,PFDR
AND A,#02
LD Y,A
; store the level after writing to
PxOR/PxDDR
LD A,X
; check for falling edge
cp A,#02
jrne OUT
TNZ Y
jrne OUT
LD A,sema
; check the semaphore status if
edge is detected
CP A,#01
jrne OUT
call call_routine; call the interrupt routine
OUT:LD A,#00
LD sema,A
.call_routine
; entry to call_routine
PUSH A
PUSH X
PUSH CC
.ext1_rt
; entry to interrupt routine
LD A,#00
LD sema,A
IRET
Case 2: Writing to PxOR or PxDDR with Global In-
terrupts Disabled:
SIM
; set the interrupt mask
LD A,PFDR
AND A,#$02
LD X,A
; store the level before writing to
PxOR/PxDDR
LD A,#$90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com