Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 172Page - STMicroelectronics ST72340 Datasheet HTML 173Page - STMicroelectronics ST72340 Datasheet HTML 174Page - STMicroelectronics ST72340 Datasheet HTML 175Page - STMicroelectronics ST72340 Datasheet HTML 176Page - STMicroelectronics ST72340 Datasheet HTML 177Page - STMicroelectronics ST72340 Datasheet HTML 178Page - STMicroelectronics ST72340 Datasheet HTML 179Page - STMicroelectronics ST72340 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 191 page
background image
ST72340, ST72344, ST72345
176/191
ADC Characteristics
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable is then
always valid.
Figure 115. Typical A/D Converter Application
Notes:
1. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
2. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN).
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fADC
ADC clock frequency
0.4
4
MHz
VAIN
Conversion voltage range 2)
VSSA
VDDA
V
RAIN
External input resistor
10 3)
k
Ω
CADC
Internal sample and hold capacitor
6
pF
tSTAB
Stabilization time after ADC enable
fCPU=8MHz, fADC=4MHz
0 4)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
IADC
Analog Part
1
mA
Digital Part
0.2
AINx
ST72XXX
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
6pF
VAIN
RAIN
10-Bit A/D
Conversion
2k
Ω(max)
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com