Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 54Page - STMicroelectronics ST72344 Datasheet HTML 55Page - STMicroelectronics ST72344 Datasheet HTML 56Page - STMicroelectronics ST72344 Datasheet HTML 57Page - STMicroelectronics ST72344 Datasheet HTML 58Page - STMicroelectronics ST72344 Datasheet HTML 59Page - STMicroelectronics ST72344 Datasheet HTML 60Page - STMicroelectronics ST72344 Datasheet HTML 61Page - STMicroelectronics ST72344 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 191 page
background image
ST72340, ST72344, ST72345
58/191
11 ON-CHIP PERIPHERALS
11.1 WINDOW WATCHDOG (WWDG)
11.1.1 Introduction
The Window Watchdog is used to detect the oc-
currence of a software fault, usually generated by
external interference or by unforeseen logical con-
ditions, which causes the application program to
abandon its normal sequence. The Watchdog cir-
cuit generates an MCU reset on expiry of a pro-
grammed time period, unless the program refresh-
es the contents of the downcounter before the T6
bit becomes cleared. An MCU reset is also gener-
ated if the 7-bit downcounter value (in the control
register) is refreshed before the downcounter has
reached the window register value. This implies
that the counter must be refreshed in a limited win-
dow.
11.1.2 Main Features
■ Programmable free-running downcounter
■ Conditional reset
– Reset (if watchdog activated) when the down-
counter value becomes less than 40h
– Reset (if watchdog activated) if the down-
counter is reloaded outside the window (see
Figure 4)
■ Hardware/Software
Watchdog
activation
(selectable by option byte)
■ Optional
reset
on
HALT
instruction
(configurable by option byte)
11.1.3 Functional Description
The counter value stored in the WDGCR register
(bits T[6:0]), is decremented every 16384 fOSC2
cycles (approx.), and the length of the timeout pe-
riod can be programmed by the user in 64 incre-
ments.
If the watchdog is activated (the WDGA bit is set)
and when the 7-bit downcounter (T[6:0] bits) rolls
over from 40h to 3Fh (T6 becomes cleared), it ini-
tiates a reset cycle pulling low the reset pin for typ-
ically 30
µs. If the software reloads the counter
while the counter is greater than the value stored
in the window register, then a reset is generated.
Figure 37. Watchdog Block Diagram
RESET
WDGA
6-BIT DOWNCOUNTER (CNT)
T6
T0
WATCHDOG CONTROL REGISTER (WDGCR)
T1
T2
T3
T4
T5
-
W6
W0
WATCHDOG WINDOW REGISTER (WDGWR)
W1
W2
W3
W4
W5
comparator
T6:0 > W6:0
CMP
= 1 when
Write WDGCR
WDG PRESCALER
DIV 4
fOSC2
12-BIT MCC
RTC COUNTER
MSB
LSB
DIV 64
0
5
6
11
MCC/RTC
TB[1:0] bits
(MCCSR
Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com