Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 58Page - STMicroelectronics ST72344 Datasheet HTML 59Page - STMicroelectronics ST72344 Datasheet HTML 60Page - STMicroelectronics ST72344 Datasheet HTML 61Page - STMicroelectronics ST72344 Datasheet HTML 62Page - STMicroelectronics ST72344 Datasheet HTML 63Page - STMicroelectronics ST72344 Datasheet HTML 64Page - STMicroelectronics ST72344 Datasheet HTML 65Page - STMicroelectronics ST72344 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 191 page
background image
ST72340, ST72344, ST72345
62/191
WINDOW WATCHDOG (Cont’d)
Figure 40. Window Watchdog Timing Diagram
11.1.6 Low Power Modes
11.1.7 Hardware Watchdog Option
If Hardware Watchdog is selected by option byte,
the watchdog is always active and the WDGA bit in
the WDGCR is not used. Refer to the Option Byte
description.
11.1.8
Using
Halt
Mode
with
the
WDG
(WDGHALT option)
The following recommendation applies if Halt
mode is used when the watchdog is enabled.
– Before executing the HALT instruction, refresh
the WDG counter, to avoid an unexpected WDG
reset immediately after waking up the microcon-
troller.
T6 bit
Reset
WDGWR
T[5:0] CNT downcounter
time
Refresh Window
Refresh not allowed
(step = 16384/fOSC2)
3Fh
Mode
Description
SLOW
No effect on Watchdog: The downcounter continues to decrement at normal speed.
WAIT
No effect on Watchdog: The downcounter continues to decrement.
HALT
OIE bit in
MCCSR
register
WDGHALT bit
in Option
Byte
00
No Watchdog reset is generated. The MCU enters Halt mode. The Watch-
dog counter is decremented once and then stops counting and is no longer
able to generate a watchdog reset until the MCU receives an external inter-
rupt or a reset.
If an interrupt is received (refer to interrupt table mapping to see interrupts
which can occur in halt mode), the Watchdog restarts counting after 256 or
4096 CPU clocks. If a reset is generated, the Watchdog is disabled (reset
state) unless Hardware Watchdog is selected by option byte. For applica-
tion recommendations see Section 0.1.8 below.
0
1
A reset is generated instead of entering halt mode.
ACTIVE
HALT
1x
No reset is generated. The MCU enters Active Halt mode. The Watchdog
counter is not decremented. It stop counting. When the MCU receives an
oscillator interrupt or external interrupt, the Watchdog restarts counting im-
mediately. When the MCU receives a reset the Watchdog restarts counting
after 256 or 4096 CPU clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com