Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 37Page - STMicroelectronics ST72344 Datasheet HTML 38Page - STMicroelectronics ST72344 Datasheet HTML 39Page - STMicroelectronics ST72344 Datasheet HTML 40Page - STMicroelectronics ST72344 Datasheet HTML 41Page - STMicroelectronics ST72344 Datasheet HTML 42Page - STMicroelectronics ST72344 Datasheet HTML 43Page - STMicroelectronics ST72344 Datasheet HTML 44Page - STMicroelectronics ST72344 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 191 page
background image
ST72340, ST72344, ST72345
41/191
INTERRUPTS (Cont’d)
8.6 EXTERNAL INTERRUPTS
8.6.1 I/O Port Interrupt Sensitivity
The external interrupt sensitivity is controlled by
the IPA, IPB and ISxx bits of the EICR register
(Figure 24). This control allows to have up to 4 fully
independent external interrupt source sensitivities.
Each external interrupt source can be generated
on four (or five) different events on the pin:
Falling edge
Rising edge
Falling and rising edge
Falling edge and low level
Rising edge and high level (only for ei0 and ei2)
To guarantee correct functionality, the sensitivity
bits in the EICR register can be modified only
when the I1 and I0 bits of the CC register are both
set to 1 (level 3). This means that interrupts must
be disabled before changing sensitivity.
The pending interrupts are cleared by writing a dif-
ferent value in the ISx[1:0], IPA or IPB bits of the
EICR.
Figure 24. External Interrupt Control bits
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.3
PBDDR.3
IPB BIT
PB3
ei2 INTERRUPT SOURCE
PORT B [3:0] INTERRUPTS
PB3
PB2
PB1
PB0
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.4
PBDDR.4
PB4
ei3 INTERRUPT SOURCE
PORT B4 INTERRUPT
PB4
IS20
IS21
EICR
SENSITIVITY
CONTROL
PAOR.3
PADDR.3
IPA BIT
PA3
ei0 INTERRUPT SOURCE
PORT A3, E1 INTERRUPTS
IS20
IS21
EICR
SENSITIVITY
CONTROL
PFOR.2
PFDDR.2
PF2
ei1 INTERRUPT SOURCE
PORT F [2:0] INTERRUPTS
PF2
PF1
PF0
PE1
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com