Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72344 Datasheet HTML 1Page - STMicroelectronics ST72344 Datasheet HTML 2Page - STMicroelectronics ST72344 Datasheet HTML 3Page - STMicroelectronics ST72344 Datasheet HTML 4Page - STMicroelectronics ST72344 Datasheet HTML 5Page - STMicroelectronics ST72344 Datasheet HTML 6Page - STMicroelectronics ST72344 Datasheet HTML 7Page - STMicroelectronics ST72344 Datasheet HTML 8Page - STMicroelectronics ST72344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 191 page
background image
ST72340, ST72344, ST72345
5/191
1 INTRODUCTION
The ST7234x devices are members of the ST7 mi-
crocontroller family. All devices are based on a
common industry-standard 8-bit core, featuring an
enhanced instruction set.
They feature single-voltage FLASH memory with
byte-by-byte In-Circuit Programming (ICP) and In-
Application Programming (IAP) capabilities.
Under software control, all devices can be placed
in WAIT, SLOW, Auto-Wakeup from Halt, Active-
HALT or HALT mode, reducing power consump-
tion when the application is in idle or stand-by
state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
The devices feature an on-chip Debug Module
(DM) to support in-circuit debugging (ICD). For a
description of the DM registers, refer to the ST7
ICC Protocol Reference Manual.
Figure 1. General Block Diagram
8-BIT CORE
ALU
OSC1
CONTROL
PROGRAM
(16K - 32K Bytes)
VDD
RESET
PORT F
PF
(6-bits)
TIMER A
BEEP
PORT A
RAM
(512- 1024 Bytes)
PORT C
10-BIT ADC
VAREF
VSSA
PORT B
PB
(5-bits)
PWM ART
TIMER B
PA
(5-bits)
PORT D
PD
(6-bits)
SPI
PC
(8-bits)
VSS
WATCHDOG
CLOCK CONTROL
LVD
OSC2
MEMORY
MCC/RTC/BEEP
AVD
I2CMMS
PORT E
PE
(2-bits)
SCI
I2C3SNS
INTERNAL RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com