Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 38Page - STMicroelectronics ST72344 Datasheet HTML 39Page - STMicroelectronics ST72344 Datasheet HTML 40Page - STMicroelectronics ST72344 Datasheet HTML 41Page - STMicroelectronics ST72344 Datasheet HTML 42Page - STMicroelectronics ST72344 Datasheet HTML 43Page - STMicroelectronics ST72344 Datasheet HTML 44Page - STMicroelectronics ST72344 Datasheet HTML 45Page - STMicroelectronics ST72344 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 191 page
background image
ST72340, ST72344, ST72345
42/191
INTERRUPTS (Cont’d)
8.7 EXTERNAL INTERRUPT CONTROL REGISTER (EICR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = IS1[1:0] ei2 and ei3 sensitivity
The interrupt sensitivity, defined using the IS1[1:0]
bits, is applied to the following external interrupts:
- ei2 (port B3..0)
- ei3 (port B4)
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bit 5 = IPB Interrupt polarity for port B
This bit is used to invert the sensitivity of the port B
[3:0] external interrupts. It can be set and cleared
by software only when I1 and I0 of the CC register
are both set to 1 (level 3).
0: No sensitivity inversion
1: Sensitivity inversion
Bit 4:3 = IS2[1:0] ei0 and ei1 sensitivity
The interrupt sensitivity, defined using the IS2[1:0]
bits, is applied to the following external interrupts:
- ei0 (port A3, port E1)
- ei1 (port F2..0)
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bit 2 = IPA Interrupt polarity for ports A3 and E1
This bit is used to invert the sensitivity of the port
A3 and E1 external interrupts. It can be set and
cleared by software only when I1 and I0 of the CC
register are both set to 1 (level 3).
0: No sensitivity inversion
1: Sensitivity inversion
Bits 1:0 = Reserved, must always be kept cleared.
70
IS11
IS10
IPB
IS21
IS20
IPA
0
0
IS11 IS10
External Interrupt Sensitivity
IPB bit =0
IPB bit =1
00
Falling edge &
low level
Rising edge
& high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge
IS11 IS10
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
IS21 IS20
External Interrupt Sensitivity
IPA bit =0
IPA bit =1
00
Falling edge &
low level
Rising edge
& high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge
IS21 IS20
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com