Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 112Page - STMicroelectronics ST72344 Datasheet HTML 113Page - STMicroelectronics ST72344 Datasheet HTML 114Page - STMicroelectronics ST72344 Datasheet HTML 115Page - STMicroelectronics ST72344 Datasheet HTML 116Page - STMicroelectronics ST72344 Datasheet HTML 117Page - STMicroelectronics ST72344 Datasheet HTML 118Page - STMicroelectronics ST72344 Datasheet HTML 119Page - STMicroelectronics ST72344 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 191 page
background image
ST72340, ST72344, ST72345
116/191
I2C BUS INTERFACE (Cont’d)
Acknowledge may be enabled and disabled by
software.
The I2C interface address and/or general call ad-
dress can be selected by software.
The speed of the I2C interface may be selected
between Standard (up to 100KHz) and Fast I2C
(up to 400KHz).
SDA/SCL Line Control
Transmitter mode: the interface holds the clock
line low before transmission to wait for the micro-
controller to write the byte in the Data Register.
Receiver mode: the interface holds the clock line
low after reception to wait for the microcontroller to
read the byte in the Data Register.
The SCL frequency (Fscl) is controlled by a pro-
grammable clock divider which depends on the
I2C bus mode.
When the I2C cell is enabled, the SDA and SCL
ports must be configured as floating inputs. In this
case, the value of the external pull-up resistor
used depends on the application.
When the I2C cell is disabled, the SDA and SCL
ports revert to being standard I/O port pins.
Figure 65. I2C Interface Block Diagram
DATA REGISTER (DR)
DATA SHIFT REGISTER
COMPARATOR
OWN ADDRESS REGISTER 1 (OAR1)
CLOCK CONTROL REGISTER (CCR)
STATUS REGISTER 1 (SR1)
CONTROL REGISTER (CR)
CONTROL LOGIC
STATUS REGISTER 2 (SR2)
INTERRUPT
CLOCK CONTROL
DATA CONTROL
SCL or SCLI
SDA or SDAI
OWN ADDRESS REGISTER 2 (OAR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com