Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 119Page - STMicroelectronics ST72344 Datasheet HTML 120Page - STMicroelectronics ST72344 Datasheet HTML 121Page - STMicroelectronics ST72344 Datasheet HTML 122Page - STMicroelectronics ST72344 Datasheet HTML 123Page - STMicroelectronics ST72344 Datasheet HTML 124Page - STMicroelectronics ST72344 Datasheet HTML 125Page - STMicroelectronics ST72344 Datasheet HTML 126Page - STMicroelectronics ST72344 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 191 page
background image
ST72340, ST72344, ST72345
123/191
I2C BUS INTERFACE (Cont’d)
I2C STATUS REGISTER 1 (SR1)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7 = EVF Event flag.
This bit is set by hardware as soon as an event oc-
curs. It is cleared by software reading SR2 register
in case of error event or as described in Figure 66.
It is also cleared by hardware when the interface is
disabled (PE=0).
0: No event
1: One of the following events has occurred:
– BTF=1 (Byte received or transmitted)
– ADSL=1 (Address matched in Slave mode
while ACK=1)
– SB=1 (Start condition generated in Master
mode)
– AF=1 (No acknowledge received after byte
transmission)
– STOPF=1 (Stop condition detected in Slave
mode)
– ARLO=1 (Arbitration lost in Master mode)
– BERR=1 (Bus error, misplaced Start or Stop
condition detected)
– ADD10=1 (Master has sent header byte)
– Address byte successfully transmitted in Mas-
ter mode.
Bit 6 = ADD10 10-bit addressing in Master mode.
This bit is set by hardware when the master has
sent the first byte in 10-bit address mode. It is
cleared by software reading SR2 register followed
by a write in the DR register of the second address
byte. It is also cleared by hardware when the pe-
ripheral is disabled (PE=0).
0: No ADD10 event occurred.
1: Master has sent first address byte (header)
Bit 5 = TRA Transmitter/Receiver.
When BTF is set, TRA=1 if a data byte has been
transmitted. It is cleared automatically when BTF
is cleared. It is also cleared by hardware after de-
tection of Stop condition (STOPF=1), loss of bus
arbitration (ARLO=1) or when the interface is disa-
bled (PE=0).
0: Data byte received (if BTF=1)
1: Data byte transmitted
Bit 4 = BUSY Bus busy.
This bit is set by hardware on detection of a Start
condition and cleared by hardware on detection of
a Stop condition. It indicates a communication in
progress on the bus. The BUSY flag of the I2CSR1
register is cleared if a Bus Error occurs.
0: No communication on the bus
1: Communication ongoing on the bus
Bit 3 = BTF Byte transfer finished.
This bit is set by hardware as soon as a byte is cor-
rectly received or transmitted with interrupt gener-
ation if ITE=1. It is cleared by software reading
SR1 register followed by a read or write of DR reg-
ister. It is also cleared by hardware when the inter-
face is disabled (PE=0).
– Following a byte transmission, this bit is set after
reception of the acknowledge clock pulse. In
case an address byte is sent, this bit is set only
after the EV6 event (See Figure 66). BTF is
cleared by reading SR1 register followed by writ-
ing the next byte in DR register.
– Following a byte reception, this bit is set after
transmission of the acknowledge clock pulse if
ACK=1. BTF is cleared by reading SR1 register
followed by reading the byte from DR register.
The SCL line is held low while BTF=1.
0: Byte transfer not done
1: Byte transfer succeeded
Bit 2 = ADSL Address matched (Slave mode).
This bit is set by hardware as soon as the received
slave address matched with the OAR register con-
tent or a general call is recognized. An interrupt is
generated if ITE=1. It is cleared by software read-
ing SR1 register or by hardware when the inter-
face is disabled (PE=0).
The SCL line is held low while ADSL=1.
0: Address mismatched or not received
1: Received address matched
70
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com