Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 150Page - STMicroelectronics ST72344 Datasheet HTML 151Page - STMicroelectronics ST72344 Datasheet HTML 152Page - STMicroelectronics ST72344 Datasheet HTML 153Page - STMicroelectronics ST72344 Datasheet HTML 154Page - STMicroelectronics ST72344 Datasheet HTML 155Page - STMicroelectronics ST72344 Datasheet HTML 156Page - STMicroelectronics ST72344 Datasheet HTML 157Page - STMicroelectronics ST72344 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 191 page
background image
ST72340, ST72344, ST72345
154/191
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions
TA = -40 to +85°C unless otherwise specified.
Note:
When the power supply is between 2.7 and 2.95V (VIT+(LVD) max), the device is either in the guaranteed
functional area or in reset state, thus allowing deterministic application behaviour. However the LVD may
generate a reset below 2.95V and the user should therefore not use the device below this level when the
LVD is enabled.
Figure 84. fCPU Maximum Operating Frequency Versus VDD Supply Voltage
13.3.2 Low Voltage Detector (LVD) Thresholds
TA = -40 to +85°C unless otherwise specified
Note:
1. Not tested in production, guaranteed by design
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 8 MHz. max.
3.3
5.5
V
fCPU = 4 MHz. max.
2.7
5.5
fOSC
External clock frequency
3.3V
≤ V
DD≤5.5V
Up to 16
MHz
2.7V
≤V
DD<3.3V
Up to 8
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
3.6
FUNCTIONALITY
GUARANTEED
IN THIS AREA
3.3
2.7
CAUTION: RESET MAY
BE ACTIVATED BY LVD
IN THIS AREA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.85
3.24
2.60
4.20
3.56
2.88
4.61
3.90
3.14
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.66
3.04
2.45
3.98
3.36
2.71
4.36
3.66
2.95
Vhys(LVD)
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
20 1)
100 1)
ms/V
tg(VDD)
VDD glitches filtered by LVD
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com