Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 156Page - STMicroelectronics ST72344 Datasheet HTML 157Page - STMicroelectronics ST72344 Datasheet HTML 158Page - STMicroelectronics ST72344 Datasheet HTML 159Page - STMicroelectronics ST72344 Datasheet HTML 160Page - STMicroelectronics ST72344 Datasheet HTML 161Page - STMicroelectronics ST72344 Datasheet HTML 162Page - STMicroelectronics ST72344 Datasheet HTML 163Page - STMicroelectronics ST72344 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 191 page
background image
ST72340, ST72344, ST72345
160/191
13.7 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA.
13.7.1 General Timings
13.7.2 External Clock Source
Figure 93. Typical Application with an External Clock Source
Notes:
1. Guaranteed by Design. Not tested in production.
2. Data based on typical application software.
3. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
4. Data based on design simulation and/or technology characteristics, not tested in production.
13.7.3 Auto Wakeup from Halt Oscillator (AWU)
Symbol
Parameter 1)
Conditions
Min
Typ 2)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 3)
tv(IT) = ∆tc(INST) + 10
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC1H
OSC1 input pin high level voltage
see Figure 93
0.7xVDD
VDD
V
VOSC1L
OSC1 input pin low level voltage
VSS
0.3xVDD
tw(OSC1H)
tw(OSC1L)
OSC1 high or low time 4)
15
ns
tr(OSC1)
tf(OSC1)
OSC1 rise or fall time 4)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSC1
OSC2
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
Not connected internally
VOSC1L
VOSC1H
tr(OSC1)
tf(OSC1)
tw(OSC1H)
tw(OSC1L)
IL
90%
10%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fAWU
AWU Oscillator Frequency
50
125
250
kHz
tRCSRT
AWU Oscillator startup time
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com