Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344 Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 181Page - STMicroelectronics ST72344 Datasheet HTML 182Page - STMicroelectronics ST72344 Datasheet HTML 183Page - STMicroelectronics ST72344 Datasheet HTML 184Page - STMicroelectronics ST72344 Datasheet HTML 185Page - STMicroelectronics ST72344 Datasheet HTML 186Page - STMicroelectronics ST72344 Datasheet HTML 187Page - STMicroelectronics ST72344 Datasheet HTML 188Page - STMicroelectronics ST72344 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 191 page
background image
ST72340, ST72344, ST72345
185/191
ST7234x FASTROM MICROCONTROLLER OPTION LIST
(Last update: October 2006)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference FASTROM Code*: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
*FASTROM code name is assigned by STMicroelectronics.
FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning for LQFP (check only one option): [ ] Tape & Reel
[ ] Tube
Version/ Temperature range (please refer to datasheet for specific sales conditions):
[ ] 0°C to +70°C
[ ] -10°C to +85°C
[ ] -40°C to +85°C
Special Marking:
[ ] No
[ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Maximum character count:
LQFP32, LQFP48:
7 char. max "_ _ _ _ _ _ _ "
LQFP44:
10 char. max "_ _ _ _ _ _ _ _ _ _"
Clock Source Selection:
[ ] External resonator or quartz
[ ] Internal RC Oscillator
[ ] External Clock:
[ ] LP: Low power (1 to 2 MHz)
[ ] MP: Medium power (2 to 4 MHz)
[ ] MS: Medium speed (4 to 8 MHz)
[ ] HS: High speed (8 to 16 MHz)
PLL:
[ ] Disabled
[ ] Enabled
[ ] PLL x 4 (*)
[ ] PLL x 8
DIV2:
[ ] Disabled
[ ] Enabled (*)
LVD Reset:
[ ] Disabled
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Reset delay:
[ ] 256 cycles
[ ] 4096 cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Disabled
[ ] Enabled
Readout Protection:
[ ] Disabled
[ ] Enabled
FLASH Write Protection (**):
[ ] Disabled
[ ] Enabled
FLASH Sector 0 size (**):
[ ] 0.5K
[ ] 1K
[ ]2K
[ ] 4K
I2C3SNS (for ST72F345 only):
[ ] Disabled
[ ] Enabled
(*) DIV2 and PLLx4 cannot be enabled at the same time
(**) not available on first silicon version with waiver (contact ST local marketing)
Comments :
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
---------------------------------
FASTROM DEVICE:
---------------------------------
|
|
---------------------------------------------------
8K
---------------------------------------------------
|
|
---------------------------------------------------
16K
---------------------------------------------------
LQFP32
|
[ ] ST72P344K4T
|
[ ] ST72P344K2T
LQFP44
|
[ ] ST72P344S4T
|
[ ] ST72P344S2T
LQFP48
|
[ ] ST72P345C4T
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com