Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMP-381F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381F Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMP-381F Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Typical Performance, T
C = 25°C
Figure 2. RF Capacitance vs. Reverse
Bias, HSMP-386B/C/E/F Series.
0.15
0.30
0.25
0.20
0.35
0.40
0.45
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
Figure 1. RF Capacitance vs. Reverse
Bias, HSMP-381B/C/E/F Series.
1 MHz
30 MHz
frequency>100 MHz
0.15
0.30
0.25
0.20
0.35
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
1 GHz
100 MHz
1 MHz
10000
1000
100
10
1
0.1
IF – FORWARD BIAS CURRENT (mA)
0.01
0.1
1
10
100
HSMP-381B/C/E/F, -481B
HSMP-
386B/C/E/F
HSMP-482B
HSMP-389B/C/E/F, -489B
Figure 3. Total RF Resistance at
25
° C vs. Forward Bias Current.
10000
1000
100
10
1.0
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85°C
T
A = +25°C
T
A = –55°C
Figure 4. RF Resistance vs. Forward
Bias Current for HSMP-381B/C/E/F
Series and HSMP-481B.
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
10203040
50
VR – REVERSE VOLTAGE (V)
Figure 5. Capacitance vs. Reverse
Voltage at 1 MHz.
HSMP-381B/C/E/F
HSMP-386B/C/E/F
HSMP-389B/C/E/F
120
110
100
90
80
70
60
50
40
1000
100
10
Diode Mounted as a
Series Attenuator in
a 50
Ω Microstrip and
Tested at 123 MHz
DIODE RF RESISTANCE (OHMS)
Figure 6. 2nd Harmonic Input
Intercept Point vs. Diode RF
Resistance for Attenuator Diodes.
120
115
110
105
100
95
90
85
110
30
IF – FORWARD BIAS CURRENT (mA)
Figure 7. 2nd Harmonic Input
Intercept Point vs. Forward Bias
Current for Switch Diodes.
HSMP-3880
HSMP-386B/C/E/F
HSMP-389B/C/E/F
Diode Mounted as a
Series Switch in
a 50
Ω Microstrip and
Tested at 123 MHz
1000
100
10
10
20
30
FORWARD CURRENT (mA)
Figure 9. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltages. HSMP-386B/C/E/F Series.
VR = 5V
VR = 10V
VR = 20V
FORWARD CURRENT (mA)
Figure 8. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltages. HSMP-482B.
1
10
100
10
20
30
V
R = 2 V
V
R = 5 V
V
R = 10 V
HSMP-381B/C/E/F
HSMP-482B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com