Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSMP-381F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381F Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSMP-381F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
##
##
##
##
Note: “##” represents Package Marking Code.
Tape Dimensions
For Outline SOT-323 (SC-70 3 Lead)
P
P0
P2
F
W
C
D1
D
E
A0
8
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
5
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.24
± 0.10
2.34
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.25
0.088
± 0.004
0.092
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.55
± 0.05
4.00
± 0.10
1.75
± 0.10
0.061
± 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00
± 0.30
0.255
± 0.013
0.315
± 0.012
0.010
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.4
± 0.10
0.062
± 0.001
0.205
± 0.004
0.0025
± 0.00004
COVER TAPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com