Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSMP-381F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381F Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSMP-381F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.hp.com/go/rf
For technical assistance or the location of
your nearest Hewlett-Packard sales office,
distributor or representative call:
Americas/Canada:
1-800-235-0312 or
408-654-8675
Far East/Australasia:
Call your local HP
sales office.
Japan:
(81 3) 3335-8152
Europe:
Call your local HP sales office.
Data subject to change.
Copyright © 1998 Hewlett-Packard Co.
Obsoletes 5966-2323E
Printed in U.S.A.
5967-6070E (5/98)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Package Dimensions
Outline SOT-323 (SC-70)
Package Characteristics
Lead Material ........................................................................................ Copper
Lead Finish ............................................................................. Tin-Lead 85/15%
Maximum Soldering Temperature ............................... 260
°C for 5 seconds
Minimum Lead Strength ........................................................... 2 pounds pull
Typical Package Inductance ................................................................... 2 nH
Typical Package Capacitance .............................. 0.08 pF (opposite leads)
Option – BLK = Bulk, 100 pcs. per antistatic bag
Option – TR1 = Tape and Reel, 3000 devices per 7" reel
Conforms to Electronic Industries RS-481, “Taping of Surface Mounted
Components for Automated Placement.” Standard Quantity is
3,000 Devices per Reel.
Ordering Information
Specify part number followed by option. For example:
HSMP - 38XA – XXX
Bulk or Tape and Reel Option
Part Number
Surface Mount PIN
Hewlett-Packard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com