Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMP-381F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381F Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMP-381F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 21. Internal Connections.
12
3
12
3
HSMP-489B
HSMP-481B
Typical Applications for HSMP-48XX Low Inductance Series
Figure 22. Circuit Layout.
Microstrip Series
Connection for
HSMP-48XB Series
In order to take full advantage of
the low inductance of the
HSMP-48XB series when using
them in series applications, both
lead 1 and lead 2 should be
connected together, as shown in
Figure 21.
Microstrip Shunt
Connections for
HSMP-48XB Series
In Figure 23, the center conductor
of the microstrip line is inter-
rupted and leads 1 and 2 of the
HSMP-48XB series diode are
placed across the resulting gap.
This forces the 0.5 nH lead induc-
tance of leads 1 and 2 to appear as
part of a low pass filter, reducing
the shunt parasitic inductance and
increasing the maximum available
attenuation. The 0.3 nH of shunt
inductance external to the diode is
created by the via holes, and is a
good estimate for 0.032" thick
material.
Figure 23. Circuit Layout.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF*
1.5 nH
1.5 nH
*0.8 pF TYPICAL FOR HSMP-482B
Figure 24. Equivalent Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com