Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMP-381F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381F Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMP-381F Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381F Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Surface Mount PIN Diodes
in SOT-323 (SC-70 3-Lead)
Technical Data
Features
• Diodes Optimized for:
Low Current Switching
Low Distortion Attenuating
Ultra-Low Distortion Switching
Microwave Frequency
Operation
• Surface Mount SOT-323
(SC-70)Package
Single and Pair Versions
Tape and Reel Options
Available
• Low Failure in Time (FIT)
Rate*
* For more information see the
Surface Mount PIN Reliability
Data Sheet.
Package Lead Code
Identification
(Top View)
Description/Applications
The HSMP-381B/C/E/F series is
specifically designed for low
distortion attenuator applications.
The HSMP-386B/C/E/F series is a
general purpose PIN diode
designed for low current attenua-
tors and low cost switches. The
HSMP-389B/C/E/ F series is
optimized for switching applica-
tions where low resistance at low
current, and low capacitance are
required.
The HSMP-48XB series is special
products featuring ultra low
parasitic inductance in the SOT-
323 package, specifically designed
for use at frequencies which are
much higher than the upper limit
for conventional SOT-323 PIN
diodes. The HSMP-481B diode is a
low distortion attenuating PIN
designed for operation to 3 GHz.
The HSMP-482B diode is ideal for
limiting and low inductance
switching applications up to
1.5 GHz. The HSMP-489B is
optimized for low current switch-
ing applications up to 3 GHz.
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
DUAL ANODE
482B / 489B
DUAL CATHODE
481B
HSMP-381B/C/E/F
HSMP-386B/C/E/F
HSMP-389B/C/E/F
HSMP-481B, -482B, -489B
Absolute Maximum Ratings[1], T
C = + 25°C
Symbol Parameter
Unit
Absolute Maximum
If
Forward Current (1
µs Pulse) Amp
1
Piv
Peak Inverse Voltage
V
Same as V
BR
T
J
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
300
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. TC = 25°C, where TC is defined to be the temperature at the package
pins where contact is made to the circuit board.


Similar Part No. - HSMP-381F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-381F HP-HSMP-381F Datasheet
153Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381F AVAGO-HSMP-381F Datasheet
149Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381F-BLKG AVAGO-HSMP-381F-BLKG Datasheet
149Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381F-TR1G AVAGO-HSMP-381F-TR1G Datasheet
149Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-381F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
CASE 419-02, STYLE 3 SOT-323/SC-70
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
CASE 419-02, STYLE 3 SOT-323/SC-70
logo
Vishay Siliconix
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
RF PIN Diodes - Dual, Series in SOT-323
26-Apr-04
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
RF PIN Diodes - Dual, Common Anode in SOT-323
15-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
RF PIN Diodes - Dual, Series in SOT-323
15-Apr-05
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
RF PIN Diodes - Dual, Common Cathode in SOT-323
29-Oct-10
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
RF PIN Diodes - Dual, Common Cathode in SOT-323
25-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com