Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5307S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR5307S Datasheet HTML 1Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 2Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 3Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 4Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 5Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 6Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 7Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 8Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
BG5307S
GaP
558
20
2
4
20
PG5307S
GaP
567
20
4
8
20
PY5307S
GaP
Yellow Green
572
20
5
10
20
AY5307S
GaAsP
Yellow
590
20
3
6
20
AA5307S
GaAsP
Orenge
606
20
3
6
20
VR5307S
GaAsP
624
20
3
6
20
BR5307S
GaAlAs
647
20
5
10
20
PR5307S
GaP
630
10
0.6
1.2
10
Water
Clear
Clear
Part No.
Material
Emitted
Color
Lens
Color
Green
Red
Iv (mcd)
Luminous Intensity
Dominant
Wavelength
λd (nm)
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5307S Series
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com