Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5307S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PR5307S Datasheet HTML 1Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 2Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 3Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 4Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 5Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 6Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 7Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 8Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electro-Optical Characteristics(BG,PG,PY,AY,AA,VR,BR)
Page 4
2004.10.29
5307S Series
Conditions
BG
PG
PY
AY
AA
VR
BR
TYP.
2.1
2.1
2.1
2.2
2.2
2
1.7
MAX.
2.5
2.5
2.5
2.5
2.5
2.5
2.0
Reverse Current
VR=4V
IR
MAX.
100
100
100
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
Half Intensity
Angle
IF=20mA 2θ1/2
TYP.
75
75
75
128
128
128
40
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)
Conditions
PR
TYP.
2.1
MAX.
2.5
Reverse Current
VR=4V
IR
MAX.
100
μA
Peak Wavelength IF=10mA
λp
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λd
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
132
deg.
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
Electro-Optical Characteristics(PR)
(Ta=25℃)
Single Color φ5 Flush Mount Round Shape Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com