Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5307S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PR5307S Datasheet HTML 1Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 2Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 3Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 4Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 5Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 6Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 7Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 8Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 3
Absolute Maximum Ratings
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5307S Series
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)
BG
PG
PY
AY
AA
VR
BR
PR
Power Dissipation
Pd
125
125
125
125
125
75
100
75
mW
Forward Current
IF
50
50
50
50
50
30
50
30
mA
Pulse Forward
Current
※ 1
IFRM
100
100
100
100
100
100
300
100
mA
Derating
(Ta=25℃ or higher)
⊿IF
0.67
0.67
0.67
0.67
0.67
0.33
0.67
0.33
mA/℃
Reverse Voltage
VR
444
4444
4
V
Operating
Temperature
Topr
℃
Storage Temperature
Tstg
℃
Item
Symbol
Unit
Absolute Maximum Ratings
-30~+85
-30~+100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com