Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5307S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR5307S Datasheet HTML 1Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 2Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 3Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 4Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 5Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 6Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 7Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 8Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Page 1
2005.3.31
5307S Series
Single Color φ5 Flush Mount Round Shape Type
Recommended Applications
・Outer Dimension φ5 Round shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・No lead package and lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (BG)
: 567nm (PG)
Yellow Green
: 572nm (PY)
Yellow
: 590nm (AY)
Orange
: 606nm (AA)
Red
: 624nm (VR)
: 647nm (BR)
: 630nm (PR)
Product features
Half Intensity Angle
Die materials
BG,PG,PY,PR : GaP
AY,AA,VR : GaAsP
BR : GaAlAs
BG,PG,PY : 75 deg.
AY,AA,VR : 128 deg.
BR : 40 deg.
PR : 132 deg.
Features
Package
φ5 Round shape type,
Water Clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications


Similar Part No. - PR5307S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PR5307S STANLEY-PR5307S Datasheet
436Kb / 33P
Single Color ?5 Round Shape Type
More results

Similar Description - PR5307S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AY5362X ETC1-AY5362X Datasheet
390Kb / 33P
Single Color phi 5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com